Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQCO62T20.3 Datasheet(PDF) 9 Page - Microchip Technology

Part # EQCO62T20.3
Description  EQCO62T20.3 6.25 Gbps Asymmetric Coax Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO62T20.3 Datasheet(HTML) 9 Page - Microchip Technology

Back Button EQCO62T20.3 Datasheet HTML 5Page - Microchip Technology EQCO62T20.3 Datasheet HTML 6Page - Microchip Technology EQCO62T20.3 Datasheet HTML 7Page - Microchip Technology EQCO62T20.3 Datasheet HTML 8Page - Microchip Technology EQCO62T20.3 Datasheet HTML 9Page - Microchip Technology EQCO62T20.3 Datasheet HTML 10Page - Microchip Technology EQCO62T20.3 Datasheet HTML 11Page - Microchip Technology EQCO62T20.3 Datasheet HTML 12Page - Microchip Technology EQCO62T20.3 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2011-2016 Microchip Technology Inc.
DS60001301B-page 9
EQCO62T20.3/EQCO31T20.3
2.1
Guidelines for PCB Layout
When using the EQCO62T/R20 chipset at its full
purpose, including low-speed uplink and power supply
transmission, it is important not to disturb the RF-
performance of the high-speed downlink channel.
Implementing the circuit illustrated in Figure 2-1 with a
different PCB layout will in first instance not deliver full
data sheet performance. The simplest way of meeting
optimal performance, including jitter and return-loss
requirements, is to precisely follow the component and
layout recommendations. Note that at multi-gigabit
speeds, using "equivalent" components or small PCB
layout changes (even moving a via) can have significant
detrimental effects.
The easiest way for achieving the requirements of the
CoaXPress 1.1 specification is to use the recommended
circuits, components and layout illustrated in Figure 2-1.
For easy implementation, Microchip will provide the
Gerber file. Please ask for it by email.
2.1.1
RIGHT ANGLE BNC
Figure 2-2 below shows the four layers of the
recommended footprint for the EQCO62T20.3 chip
and the off-chip components that are critical for the
RF-performance of the system.
FIGURE 2-2:
RECOMMENDED PCB LAYOUT FOR EQCO62T20.3
Note:
Email address: coaxpress@microchip.com


Similar Part No. - EQCO62T20.3

ManufacturerPart #DatasheetDescription
logo
EqcoLogic
EQCO62T20 EQCOLOGIC-EQCO62T20 Datasheet
709Kb / 2P
   EqcoLogic Transceivers for CoaXPress Camera Solutions
More results

Similar Description - EQCO62T20.3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO62R20.3 MICROCHIP-EQCO62R20.3 Datasheet
1Mb / 34P
   EQCO62R20.3 6.25 Gbps Asymmetric Coax Equalizer
07/14/15
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
logo
Texas Instruments
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
ADATE209 AD-ADATE209 Datasheet
829Kb / 16P
   4.0 Gbps Dual Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Analog Devices
ADATE209 AD-ADATE209_17 Datasheet
876Kb / 17P
   4.0 Gbps Dual Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com