Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQCO62R20.3 Datasheet(PDF) 5 Page - Microchip Technology

Part # EQCO62R20.3
Description  EQCO62R20.3 6.25 Gbps Asymmetric Coax Equalizer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO62R20.3 Datasheet(HTML) 5 Page - Microchip Technology

  EQCO62R20.3 Datasheet HTML 1Page - Microchip Technology EQCO62R20.3 Datasheet HTML 2Page - Microchip Technology EQCO62R20.3 Datasheet HTML 3Page - Microchip Technology EQCO62R20.3 Datasheet HTML 4Page - Microchip Technology EQCO62R20.3 Datasheet HTML 5Page - Microchip Technology EQCO62R20.3 Datasheet HTML 6Page - Microchip Technology EQCO62R20.3 Datasheet HTML 7Page - Microchip Technology EQCO62R20.3 Datasheet HTML 8Page - Microchip Technology EQCO62R20.3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2012-2016 Microchip Technology Inc.
DS60001302B-page 5
EQCO62R20.3/EQCO31R20.3
1.1
Pinout and Pin Description
FIGURE 1-2:
EQCO62R20.3 PIN DIAGRAM(VIEWED FROM TOP)
TABLE 1-1:
EQCO62R20.3 PIN DESCRIPTIONS
Pin Number
Pin Name
Signal Type
Description
(TAB)
GND
Power
Use as single-point ground.
13, 16
VCC
Power
Connect to 1.2V of power supply.
1, 4, 9, 12
GND
Power
Connect to ground of power supply.
2, 3
SDIp, SDIn
CML Input
Serial input positive/negative differential serial input. Connect
SDIn to shield of cable via termination network. External 15Ω
resistors required.
11, 10
SDOp/SDOn
CML Output
Serial output positive/negative differential serial output.
Output has a swing of 2x600 mV and has 2x50Ω on-chip
termination resistors.
5
LFI
Input
Uplink input signal. LVTTL signal with 1.2V input swing.
External series resistor is required for 2.5V (3.9 kΩ) or 3.3V
(6.2 kΩ) input swing.
6
AmpR
Input
Connected to VCC by a resistor that selects output swing of
the uplink signal. Typical value is Ramp = 1.2 kΩ for rise/fall
times of 11 ns.
7
RiseR
Input
Connected to VCC by a resistor that selects rise time of the
uplink signal. Typical value is Rrise = 10 kΩ for rise/fall times
of 11 ns.
8, 14, 15
NC
Do not connect. Leave these pins floating. Used for
internal testing.
GND TAB
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
VCC
AmpR
GND
GND
SDOn
NC
SDOp
GND
EQCO62R20.3
SDIn
NC
SDIp
GND
VCC
LFI
RiseR
NC


Similar Part No. - EQCO62R20.3

ManufacturerPart #DatasheetDescription
logo
EqcoLogic
EQCO62R20 EQCOLOGIC-EQCO62R20 Datasheet
709Kb / 2P
   EqcoLogic Transceivers for CoaXPress Camera Solutions
More results

Similar Description - EQCO62R20.3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO62T20.3 MICROCHIP-EQCO62T20.3 Datasheet
1Mb / 32P
   EQCO62T20.3 6.25 Gbps Asymmetric Coax Driver
07/14/15
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
ADN8102 AD-ADN8102 Datasheet
1Mb / 32P
   3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Texas Instruments
DS30EA101 TI1-DS30EA101 Datasheet
702Kb / 11P
[Old version datasheet]   0.15 to 3.125 Gbps Adaptive Cable Equalizer
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
[Old version datasheet]   DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com