Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQCO30T5.2 Datasheet(PDF) 6 Page - Microchip Technology

Part # EQCO30T5.2
Description  EQCO30T5.2 3G/HD-SDI Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO30T5.2 Datasheet(HTML) 6 Page - Microchip Technology

Back Button EQCO30T5.2 Datasheet HTML 2Page - Microchip Technology EQCO30T5.2 Datasheet HTML 3Page - Microchip Technology EQCO30T5.2 Datasheet HTML 4Page - Microchip Technology EQCO30T5.2 Datasheet HTML 5Page - Microchip Technology EQCO30T5.2 Datasheet HTML 6Page - Microchip Technology EQCO30T5.2 Datasheet HTML 7Page - Microchip Technology EQCO30T5.2 Datasheet HTML 8Page - Microchip Technology EQCO30T5.2 Datasheet HTML 9Page - Microchip Technology EQCO30T5.2 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
EQCO30T5.2
DS60001303C-page 6
 2012-2016 Microchip Technology Inc.
1.1.4
SD/HDB
With SD/HDB set to high, the output rise and fall times
are set for SD operation. When left floating or pulled
low, the rise and fall times are set for 3G/HD operation.
1.1.5
SDOn, SDOp
The output driver is not based on a CML output
stage. Both outputs operate independently, so there
is very little interference between the outputs and
their termination condition. There is also no LR-
output network needed for achieving good return-
loss. A 25Ω resistor should be connected in series
with the output to drive a 75Ω coax cable. The output
amplitude is achieved behind this 25Ω resistor; refer
to the application circuits at the end of the data
sheet. The PCB doesn’t require layout changes
when migrating from competing cable drivers,
however, fewer components are needed. One does
not need to optimize the return-loss network, since it
is omitted.
1.1.6
LFOUT
LFout provides the 5 Mbps received uplink signal
(LVTTL voltage levels). It can easily drive a PCB
trace of 20 pF at this speed. For longer distance
communication from this pin to the next chip, using a
buffer is recommended. The output impedance is
about 300Ω.
1.1.7
EQdis
When EQdis is left floating or pulled low, the input
trace equalization is turned on and invokes a typical
3 dB gain at 1.5 GHz.
This value is optimized for compensating the high-
frequency losses of approximately 20 cm of 5-mil
stripline in FR4. When pulled high, this equalization
is turned off.


Similar Part No. - EQCO30T5.2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO30R5.D MICROCHIP-EQCO30R5.D Datasheet
1Mb / 24P
   EQCO30R5.D 3G/HD-SDI Video Cable Equalizer
07/14/15
EQCO30R5.D-TRAY MICROCHIP-EQCO30R5.D-TRAY Datasheet
1Mb / 24P
   EQCO30R5.D 3G/HD-SDI Video Cable Equalizer
07/14/15
More results

Similar Description - EQCO30T5.2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Microchip Technology
EQCO30R5.D MICROCHIP-EQCO30R5.D Datasheet
1Mb / 24P
   EQCO30R5.D 3G/HD-SDI Video Cable Equalizer
07/14/15
logo
Digital View Ltd
HD-1000P DIGITALVIEW-HD-1000P Datasheet
506Kb / 1P
   3G/HD-SDI Video Add-on
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-357 GLENAIR-050-357 Datasheet
501Kb / 15P
   SMPTE HD-SDI AND 3G-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com