Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1704 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1704
Description  High-Side Current-Sense and Multiple 1째C Temperature Monitor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1704 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1704 Datasheet HTML 1Page - Microchip Technology EMC1704 Datasheet HTML 2Page - Microchip Technology EMC1704 Datasheet HTML 3Page - Microchip Technology EMC1704 Datasheet HTML 4Page - Microchip Technology EMC1704 Datasheet HTML 5Page - Microchip Technology EMC1704 Datasheet HTML 6Page - Microchip Technology EMC1704 Datasheet HTML 7Page - Microchip Technology EMC1704 Datasheet HTML 8Page - Microchip Technology EMC1704 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
EMC1704
DATASHEET
DS20005239A
Datasheet
PRODUCT FEATURES
EMC1704
High-Side Current-Sense and Multiple
1°C Temperature Monitor
General Description
The EMC1704 is a combination high-side current sensing
device with precision temperature measurement. It
measures the voltage developed across an external sense
resistor to represent the high-side current of a battery or
voltage regulator. It also measures the source voltage and
uses these measured values to present a proportional
power calculation. The EMC1704 contains additional bi-
directional peak detection circuitry to flag instantaneous
current spikes with programmable time duration and
magnitude threshold. Finally, the EMC1704 includes up to
three (3) external diode channels and an internal
temperature sensor for temperature measurement.
The temperature measurement includes advanced features
such as Resistance Error Correction (REC), Beta
Compensation (to support CPU diodes requiring the
BJT/ tr ansi s to r m o d e l in c ludi ng 45nm a nd 65 nm
processors), and automatic diode type detection.
Both current sensing and temperature monitoring include
two tiers of protection: one that can be masked and causes
the ALERT pin to be asserted, and the other that cannot be
masked and causes the THERM pin to be asserted.
Applications
Notebook and Desktop Computers
Industrial
Power Management Systems
Embedded Applications
Features
High-side current sensor
— Bi-directional current measurement
— Measures source voltage and indicates power ratio
— 1% current measurement accuracy
— Integrated over 82ms to 2.6sec with 11-bit resolution
— 3V to 24V bus voltage range
Independent hardware set instantaneous current peak
detector (EMC1704-2 only)
— Software controls to program time duration and
magnitude threshold
Power supply options
— Bus or separately powered for low voltage operation
Wide temperature operating range: -40°C to +85°C
Up to three external temperature monitors
— 1°C accuracy (20°C < TDIODE < 110°C) with 0.125°C
resolution
— Ideality factor setting
— Support for 45nm and 65nm CPU diodes requiring the
BJT/transistor model w/ beta compensation
— Determines external diode type and optimal settings
— Resistance Error Correction
— Anti-parallel diode support for additional diode options
Internal temperature monitor
— ±1°C accuracy (-5°C < TA < 85°C)
ALERT and THERM outputs for temperature, voltage,
and out-of-current limit reporting
SMBus 2.0 interface
— Pin-selectable SMBus Address
— Block Read and Write
General Purpose I/O
Available in a RoHS Compliant Package: 14-pin SOIC
(EMC1704-1) or 16-pin 4mm x 4mm QFN (EMC1704-2)
Block Diagram
Analog
Mux
External
Temp
Diodes
Internal
Temp
Diode
SMBus
Slave
Protocol
DP1
DN1
SMCLK
SMDATA
DP2 / DN3
DN2 / DP3
ADDR_SEL
Anti-
parallel
diode
Peak
Detection
* EMC1704-2 only
Voltage and
Temp Registers
Configuration
11-15 bit
??? ADC
13 - 15 bit
??? ADC
Current Registers
Current Limits
Voltage and
Temp Limits
THERM
ALERT
Power Register


Similar Part No. - EMC1704

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
EMC1701-1-KP-TR SMSC-EMC1701-1-KP-TR Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
EMC1701-2-AIZL-TR SMSC-EMC1701-2-AIZL-TR Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
logo
Microchip Technology
EMC1702 MICROCHIP-EMC1702 Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
More results

Similar Description - EMC1704

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
logo
Microchip Technology
EMC1702 MICROCHIP-EMC1702 Datasheet
2Mb / 60P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
02/28/20
logo
SMSC Corporation
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
   High-Side Current-Sense and Dual 1째C Temperature Monitor
EMC1046 SMSC-EMC1046_09 Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
logo
Microchip Technology
PAC1710 MICROCHIP-PAC1710 Datasheet
492Kb / 48P
   Single and Dual High-Side Current-Sense Monitor with Power Calculation
07/14/15
logo
SMSC Corporation
PAC1720 SMSC-PAC1720 Datasheet
772Kb / 47P
   Dual High-Side Current Sense Monitor with Power Calculation
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008_17 Datasheet
562Kb / 8P
   INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
logo
International Rectifier
AUIPS7145R IRF-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com