Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V283L6PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V283L6PFI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V283L6PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V283L6PFI Datasheet HTML 1Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 2Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
SEPTEMBER 2003
DSC-4666/12
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
3.3 VOLT HIGH-DENSITY SUPERSYNC II™
NARROW BUS FIFO
512 x 18/1,024 x 9, 1,024 x 18/2,048 x 9
2,048 x 18/4,096 x 9, 4,096 x 18/8,192 x 9
8,192 x 18/16,384 x 9, 16,384 x 18/32,768 x 9
32,768 x 18/65,536 x 9, 65,536 x 18/131,072 x 9
IDT72V223, IDT72V233
IDT72V243, IDT72V253
IDT72V263, IDT72V273
IDT72V283, IDT72V293
IDT and the IDT logo are a registered trademarks of Integrated Device Technology, Inc. The SuperSync II FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
512 x 18 or 1,024 x 9
1,024 x 18 or 2,048 x 9
2,048 x 18 or 4,096 x 9
4,096 x 18 or 8,192 x 9
8,192 x 18 or 16,384 x 9
16,384 x 18 or 32,768 x 9
32,768 x 18 or 65,536 x 9
65,536 x 18 or 131,072 x 9
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
D0 -Dn (x9 or x18)
LD
MRS
REN
OE
Q0 -Qn (x9 or x18)
OFFSET REGISTER
PRS
FWFT/SI
SEN
4666 drw01
BUS
CONFIGURATION
IW
CONTROL
LOGIC
BE
OW
IP
PFM
FSEL0
FSEL1
WCLK/WR
RCLK/RD
RT
RM
ASYR
ASYW
JTAG CONTROL
(BOUNDARY SCAN)
TCK
TMS
TDO
TDI
TRST
*
*
*
*
*
*
*
*
*
*
FEATURES:
Choose among the following memory organizations:
IDT72V223
 512 x 18/1,024 x 9
IDT72V233
 1,024 x 18/2,048 x 9
IDT72V243
 2,048 x 18/4,096 x 9
IDT72V253
 4,096 x 18/8,192 x 9
IDT72V263
 8,192 x 18/16,384 x 9
IDT72V273
 16,384 x 18/32,768 x 9
IDT72V283
 32,768 x 18/65,536 x 9
IDT72V293
 65,536 x 18/131,072 x 9
••••• Functionally compatible with the IDT72V255LA/72V265LA and
IDT72V275/72V285 SuperSync FIFOs
••••• Up to 166 MHz Operation of the Clocks
••••• User selectable Asynchronous read and/or write ports (BGA Only)
••••• User selectable input and output port bus-sizing
- x9 in to x9 out
- x9 in to x18 out
- x18 in to x9 out
- x18 in to x18 out
••••• Pin to Pin compatible to the higher density of IDT72V2103/72V2113
••••• Big-Endian/Little-Endian user selectable byte representation
••••• 5V tolerant inputs
••••• Fixed, low first word latency
••••• Zero latency retransmit
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of eight preselected offsets
••••• Selectable synchronous/asynchronous timing modes for Almost-
Empty and Almost-Full flags
••••• Program programmable flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First Word
Fall Through timing (using
OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• JTAG port, provided for Boundary Scan function (BGA Only)
••••• Independent Read and Write Clocks (permit reading and writing
simultaneously)
••••• Available in a 80-pin Thin Quad Flat Pack (TQFP) or a 100-pin Ball
Grid Array (BGA) (with additional features)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
FUNCTIONAL BLOCK DIAGRAM
*Available on the
BGA package only.


Similar Part No. - IDT72V283L6PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V283 RENESAS-IDT72V283 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - IDT72V283L6PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com