Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM80-01-4 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # DM80-01-4
Description  10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM80-01-4 Datasheet(HTML) 4 Page - Finisar Corporation.

  DM80-01-4 Datasheet HTML 1Page - Finisar Corporation. DM80-01-4 Datasheet HTML 2Page - Finisar Corporation. DM80-01-4 Datasheet HTML 3Page - Finisar Corporation. DM80-01-4 Datasheet HTML 4Page - Finisar Corporation. DM80-01-4 Datasheet HTML 5Page - Finisar Corporation. DM80-01-4 Datasheet HTML 6Page - Finisar Corporation. DM80-01-4 Datasheet HTML 7Page - Finisar Corporation. DM80-01-4 Datasheet HTML 8Page - Finisar Corporation. DM80-01-4 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DM80-01-3/4 CML
TM Butterfly Transmitter Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –24-May-07
Rev_A
Page 4
IV. Standard Operating Specifications
Table 2: Standard Operating Requirements
Item
Parameters
Min
Typ
Max
Units
Comments
1.
Bit Rate
9.953/10.7
11.1
Gb/s
All the following
transmission
parameters are
tested at 9.95 or
10.7Gb/s
2.
Operating Case
Temperature Range
-5
70
°C
3.
Wavelength (SOL)
ITU-T Grid
GHz
ITU-T wavelength
grids defined in
Tables 9 & 10
4.
Locked deviation from
ITU
-2.5
2.5
GHz
EOLOT
5.
Modulated Output Power
(EOL)
4
-
-
dBm
SOL operation
condition to be
discussed.
6.
Operating Drive current
(SOL)
50
100
mA
7.
Allowed Deviation from
SOL drive current over
life and temperature
-15
20
%
8.
Required Resolution of
Operating Drive Current
0.09
mA
360mA/4096 levels
9.
SMSR
35
40
dB
10.
Wavelength temperature
tuning coefficient
0.1
nm/°C
11.
Wavelength current
tuning coefficient
7
pm/m
A
12. Laser threshold current
25
mA
13. Forward Bias Voltage
1.8
V
14. RIN
-135
dB/Hz
0 to 10 GHz,
Measured before
OSR is installed
15.
Laser CW Linewidth
(FWHM)
2
10
MHz
Measured before
OSR
16. Module Input Impedance
50
Ohms
Recommend use of
EML driver
technology
17.
Peak to Peak voltage,
Vpp
1.2
1.8
2.5
V
Into 50ohm
18. Electrical input crossing
25
80
%
Customer must
provide adjustment
capability on
electrical driver
19.
Extinction Ratio
(EOLOT)
8.2
dB
BT Filter OFF
20. Optical crossing
tbc
tbc
%
BT Filter OFF
21. S11
Mask
dB
tbc
22. S21 (3dB BW)
10
GHz
Before OSR
23.
Power dispersion Penalty
@ 30dB OSNR, 9.95Gbs,
2
dB
Receiver threshold
optimized for


Similar Part No. - DM80-01-4

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-1 FINISAR-DM80-01-1 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-2 FINISAR-DM80-01-2 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

Similar Description - DM80-01-4

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-02-0 FINISAR-DM80-02-0 Datasheet
231Kb / 10P
   10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM200-02-0 FINISAR-DM200-02-0 Datasheet
231Kb / 10P
   10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
logo
Bookham, Inc.
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
MT10EW BOOKHAM-MT10EW Datasheet
547Kb / 10P
   24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com