Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCBG110SD1CA5 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FCBG110SD1CA5
Description  RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG110SD1CA5 Datasheet(HTML) 2 Page - Finisar Corporation.

  FCBG110SD1CA5 Datasheet HTML 1Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 2Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 3Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 4Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 5Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 6Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 7Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 8Page - Finisar Corporation. FCBG110SD1CA5 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FCBG110SD1Cxx Product Specification
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault.
2
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
3
4
SDA
2-wire Serial Interface Data Line
4
5
SCL
2-wire Serial Interface Clock Line
4
6
MOD_ABS
Module Absent. Grounded within the module
4
7
RS0
No connection required
8
RX_LOS
Loss of Signal indication. Logic 0 indicates normal operation.
5
9
RS1
No connection required
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
T
FAULT
is an open collector/drain output, which is pulled up with a 4.7k
Ω – 10kΩ resistor on the host
board, but is grounded inside the SFP+ cable plug.
3.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
4.
Should be pulled up with 4.7k
Ω – 10kΩ on host board to a voltage between 2.0V and 3.6V.
MOD_ABS pulls line low to indicate module is plugged in.
5.
LOS is open collector output. Should be pulled up with 4.7k
Ω – 10kΩ on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
Figure 1. Diagram of Host Board Connector Block Pin Numbers and Names.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TX_Fault
SDA
SCL
MOD_ABS
RS0
RX_LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX_Disable
RS1
 Finisar Corporation - July 2015
Rev. C1
Page 2


Similar Part No. - FCBG110SD1CA5

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
FCBG110SD1C05-C ATGBICS-FCBG110SD1C05-C Datasheet
152Kb / 3P
   FCBG110SD1C05 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
FCBG110SD1C07-C ATGBICS-FCBG110SD1C07-C Datasheet
151Kb / 3P
   FCBG110SD1C07 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results

Similar Description - FCBG110SD1CA5

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com