Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCBG110SD1C02 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FCBG110SD1C02
Description  RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG110SD1C02 Datasheet(HTML) 5 Page - Finisar Corporation.

  FCBG110SD1C02 Datasheet HTML 1Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 2Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 3Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 4Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 5Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 6Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 7Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 8Page - Finisar Corporation. FCBG110SD1C02 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FCBG110SD1Cxx Product Specification
VII.
Mechanical Specifications
The FCBG110SD1Cxx SFPwire SFP+ cable ends are compatible with the SFF-8432
specification for improved pluggable form factor. Rigid pull-tab and cable jacket color
are black.
Figure 2. FCBG110SD1Cxx Mechanical Dimensions.
FCBG110SD1Cxx SFPwire® cable details
Description
Min
Typ
Max
Units
Notes
Cable Jacket Material
PVC
Cable Flammability Rating
OFNR
Cable Outer Diameter
2.8
3.0
3.2
mm
Cable Tensile Load (Short Term)
200
Newtons
Cable Tensile Load (Long Term)
100
Newtons
Crush Resistance
10
Newtons/mm
FOTP-41
Impact Resistance
0.5
Newton·m
FOTP-25
Flexing
300
Cycles
FOTP-104
Twist Bend
Exceeds FOTP-85
Cable to SFP+ Plug Connection
90
Newtons
Bend Radius (Short Term)
25
mm
Bend Radius (Long Term)
30
mm
Durability
100
Cycle Min
 Finisar Corporation - July 2015
Rev. C1
Page 5


Similar Part No. - FCBG110SD1C02

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
FCBG110SD1C05-C ATGBICS-FCBG110SD1C05-C Datasheet
152Kb / 3P
   FCBG110SD1C05 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
FCBG110SD1C07-C ATGBICS-FCBG110SD1C07-C Datasheet
151Kb / 3P
   FCBG110SD1C07 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results

Similar Description - FCBG110SD1C02

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com