Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V263L7PFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V263L7PFI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V263L7PFI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V263L7PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 9Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 10Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 11Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 12Page - Integrated Device Technology IDT72V263L7PFI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V223/233/243/253/263/273/283/293 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
512 x 18, 1K x 9/18, 2K x 9/18, 4K x 9/18, 8K x 9/18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Industrial temperature range product for the 10ns is available as a standard device. All other speed grades are available by special order.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.
5. TQFP package only: for speed grades 7.5ns, 10ns and 15ns the minimum for tA, tOE, and tOHZ is 2ns.
6. The IDT72V223/72V233/72V243/72V253 are only available in 6ns and 7.5ns speed grades.
Commercial
Commercial
Com’l & Ind’l(2)
Commercial
BGA & TQFP
BGA & TQFP
TQFP Only
TQFP Only
IDT72V223L6
IDT72V223L7-5
IDT72V233L6
IDT72V233L7-5
IDT72V243L6
IDT72V243L7-5
IDT72V253L6
IDT72V253L7-5
IDT72V263L6
IDT72V263L7-5
IDT72V263L10
IDT72V263L15
IDT72V273L6
IDT72V273L7-5
IDT72V273L10
IDT72V273L15
IDT72V283L6
IDT72V283L7-5
IDT72V283L10
IDT72V283L15
IDT72V293L6
IDT72V293L7-5
IDT72V293L10
IDT72V293L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
166
133.3
100
66.7
MHz
tA
Data Access Time(5)
14
1(5)
51(5)
6.5
1(5)
10
ns
tCLK
Clock Cycle Time
6
7.5
10
15
ns
tCLKH
Clock High Time
2.7
3.5
4.5
6
ns
tCLKL
Clock Low Time
2.7
3.5
4.5
6
ns
tDS
DataSetupTime
2
2.5
3.5
4
ns
tDH
Data Hold Time
0.5
0.5
0.5
1
ns
tENS
Enable Setup Time
2
2.5
3.5
4
ns
tENH
Enable Hold Time
0.5
0.5
0.5
1
ns
tLDS
LoadSetupTime
3
3.5
3.5
4
ns
tLDH
Load Hold Time
0.5
0.5
0.5
1
ns
tRS
Reset Pulse Width(3)
10
10
10
15
ns
tRSS
ResetSetupTime
15
15
15
15
ns
tRSR
Reset Recovery Time
10
10
10
15
ns
tRSF
Reset to Flag and Output Time
15
15
15
15
ns
tRTS
RetransmitSetupTime
3
3.5
3.5
4
ns
tOLZ
Output Enable to Output in Low Z(4)
0—
0—
0
0—
ns
tOE
Output Enable to Output Valid(5)
14
1(5)
61(5)
61(5)
8ns
tOHZ
Output Enable to Output in High Z(4,5)
14
1(5)
61(5)
61(5)
8ns
tWFF
Write Clock to
FF or IR
—4
—5
6.5
10
ns
tREF
Read Clock to
EF or OR
—4
—5
6.5
10
ns
tPAFA
Clock to Asynchronous Programmable Almost-Full Flag
10
12.5
16
20
ns
tPAFS
Write Clock to Synchronous Programmable Almost-Full Flag
4
5
6.5
10
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
10
12.5
16
20
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
4
5
6.5
10
ns
tHF
Clock to
HF
10
12.5
16
20
ns
tSKEW1
Skew time between RCLK and WCLK for
EF/OR and FF/IR
4—
5—
7
9—
ns
tSKEW2
Skew time between RCLK and WCLK for
PAE and PAF
5—
7—
10
14
ns


Similar Part No. - IDT72V263L7PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V263 RENESAS-IDT72V263 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - IDT72V263L7PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com