Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCBN425QB1C20 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FCBN425QB1C20
Description  100G Quadwire짰 QSFP28 Active Optical Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C20 Datasheet(HTML) 4 Page - Finisar Corporation.

  FCBN425QB1C20 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCBN425QB1Cxx Product Specification
 Finisar Corporation January 2016
B3
Page 4
III.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
1
Case Operating Temperature
TOP
0
70
C
Relative Humidity
RH
0
85
%
2
Notes:
1.
Assumes no mechanical load force on the unit. Ensuring no mechanical load force requires a cable bend
radius of >105 mm within 100 mm of either cable end module and >60 mm on the rest of the cable.
2.
Non-condensing.
IV.
Electrical Characteristics (TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
NOTE: The 100G Quadwire requires an electrical connector compliant with SFF-8662 or SFF-8672 be used
on the host board to guarantee its electrical interface specification. Please check with your connector supplier.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc1,
VccTx,
VccRx
3.15
3.45
V
Supply Current
Icc
1010
mA
Power Dissipation per cable end
P
3.5
W
1, 2
Link Turn-On Time
Transmit turn-on time
2000
ms
3
Input electrical specifications (per Lane)
Differential Voltage pk-pk
900
mV
Common Mode Noise RMS
17.5
mV
Differential Termination Resistance Mismatch
10
%
Differential Return Loss
SDD22
dB
Common Mode to Differential conversion and
Differential to Common Mode Conversion
SDC22,
SCD22
dB
Common Mode Return Loss
SCC22
-2
dB
Transition Time, 20 to 80%
Tr, Tf
10
ps
Common Mode Voltage
Vcm
-0.3
2.8
V
Eye Width at 1E-15 probability
EW15
0.46
UI
Eye Height at 1E-15 probability
EH15
94
mV
Output electrical specifications (per Lane)
Differential Voltage pk-pk
900
mV
Common Mode Voltage
Vcm
-350
2850
mV
Common Mode Noise RMS
17.5
mV
Differential Termination Resistance Mismatch
10
%
Differential Return Loss
SDD22
dB
Common Mode to Differential conversion and
Differential to Common Mode Conversion
SDC22,
SCD22
Common Mode Return Loss
SCC22
-2
dB
Transition Time, 20 to 80%
Tr, Tf
9.5
ps
Vertical Eye Closure
VEC
5.5
dB
Eye Width at 1E-15 probability
EW15
0.57
UI
Per OIF CEI-28G-VSR
and CAUI-4
requirements
Per OIF CEI-28G-VSR
and CAUI-4 requirements


Similar Part No. - FCBN425QB1C20

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QB1C20 FINISAR-FCBN425QB1C20 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

Similar Description - FCBN425QB1C20

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com