Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29800BUV-55F Datasheet(PDF) 8 Page - AMIC Technology

Part # A29800BUV-55F
Description  1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29800BUV-55F Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29800BUV-55F Datasheet HTML 4Page - AMIC Technology A29800BUV-55F Datasheet HTML 5Page - AMIC Technology A29800BUV-55F Datasheet HTML 6Page - AMIC Technology A29800BUV-55F Datasheet HTML 7Page - AMIC Technology A29800BUV-55F Datasheet HTML 8Page - AMIC Technology A29800BUV-55F Datasheet HTML 9Page - AMIC Technology A29800BUV-55F Datasheet HTML 10Page - AMIC Technology A29800BUV-55F Datasheet HTML 11Page - AMIC Technology A29800BUV-55F Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
A29800B Series
PRELIMINARY (June, 2016, Version 0.0)
7
AMIC Technology, Corp.
operation is not executing (RY/
BY pin is “1”), the reset
operation is completed within a time of tREADY (not during
Embedded Algorithms). The system can read data tRH after
the RESET pin return to VIH.
Refer to the AC Characteristics tables for RESET
parameters and diagram.
Table 2. A29800B Top Boot Block Sector Address Table
Address Range (in hexadecimal)
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Byte Mode (x8)
Word Mode (x16)
SA0
0
0
0
0
X
X
X
64/32
000000h - 00FFFFh
00000h - 07FFFh
SA1
0
0
0
1
X
X
X
64/32
010000h - 01FFFFh
08000h - 0FFFFh
SA2
0
0
1
0
X
X
X
64/32
020000h - 02FFFFh
10000h - 17FFFh
SA3
0
0
1
1
X
X
X
64/32
030000h - 03FFFFh
18000h - 1FFFFh
SA4
0
1
0
0
X
X
X
64/32
040000h - 04FFFFh
20000h - 27FFFh
SA5
0
1
0
1
X
X
X
64/32
050000h - 05FFFFh
28000h - 2FFFFh
SA6
0
1
1
0
X
X
X
64/32
060000h - 06FFFFh
30000h - 37FFFh
SA7
0
1
1
1
X
X
X
64/32
070000h - 07FFFFh
38000h - 3FFFFh
SA8
1
0
0
0
X
X
X
64/32
080000h - 08FFFFh
40000h - 47FFFh
SA9
1
0
0
1
X
X
X
64/32
090000h - 09FFFFh
48000h - 4FFFFh
SA10
1
0
1
0
X
X
X
64/32
0A0000h - 0AFFFFh
50000h - 57FFFh
SA11
1
0
1
1
X
X
X
64/32
0B0000h - 0BFFFFh
58000h - 5FFFFh
SA12
1
1
0
0
X
X
X
64/32
0C0000h - 0CFFFFh
60000h - 67FFFh
SA13
1
1
0
1
X
X
X
64/32
0D0000h - 0DFFFFh
68000h - 6FFFFh
SA14
1
1
1
0
X
X
X
64/32
0E0000h - 0EFFFFh
70000h - 77FFFh
SA15
1
1
1
1
0
X
X
32/16
0F0000h - 0F7FFFh
78000h - 7BFFFh
SA16
1
1
1
1
1
0
0
8/4
0F8000h - 0F9FFFh
7C000h - 7CFFFh
SA17
1
1
1
1
1
0
1
8/4
0FA000h - 0FBFFFh
7D000h - 7DFFFh
SA18
1
1
1
1
1
1
X
16/8
0FC000h - 0FFFFFh
7E000h - 7FFFFh
Note:
Address range is A18 : A-1 in byte mode and A18 : A0 in word mode. See “Word/Byte Configuration” section.


Similar Part No. - A29800BUV-55F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
A29800TM-55 AMICC-A29800TM-55 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800TM-70 AMICC-A29800TM-70 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800TM-90 AMICC-A29800TM-90 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29800BUV-55F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29801B AMICC-A29801B Datasheet
489Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
   8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com