Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29801BUV-55UF Datasheet(PDF) 2 Page - AMIC Technology

Part # A29801BUV-55UF
Description  1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29801BUV-55UF Datasheet(HTML) 2 Page - AMIC Technology

  A29801BUV-55UF Datasheet HTML 1Page - AMIC Technology A29801BUV-55UF Datasheet HTML 2Page - AMIC Technology A29801BUV-55UF Datasheet HTML 3Page - AMIC Technology A29801BUV-55UF Datasheet HTML 4Page - AMIC Technology A29801BUV-55UF Datasheet HTML 5Page - AMIC Technology A29801BUV-55UF Datasheet HTML 6Page - AMIC Technology A29801BUV-55UF Datasheet HTML 7Page - AMIC Technology A29801BUV-55UF Datasheet HTML 8Page - AMIC Technology A29801BUV-55UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
A29801B Series
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only,
Preliminary
Boot Sector Flash Memory
PRELIMINARY
(June, 2016, Version 0.0)
1
AMIC Technology, Corp.
Features
Single power supply operation
- Full voltage range: 4.5 to 5.5 volt for read and write
operations
Access time:
- 55ns (max.)
Current:
- 20mA typical active read current
- 30mA typical program/erase current
- 6uA typical CMOS standby
Flexible sector architecture
- 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX15 sectors
- 8 Kword/ 4 KwordX2/ 16 Kword/ 32 KwordX15 sectors
- Any combination of sectors can be erased
- Supports full chip erase
- Sector protection:
A hardware method of protecting sectors to prevent any
inadvertent program or erase operations within that
sector. Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Industrial operating temperature range: -40ºC to +85ºC for
-U series
Unlock Bypass Program Command
- Reduces overall programming time when issuing
multiple program command sequence
Top or bottom boot block configurations available
Embedded Algorithms
- Embedded Erase algorithm will automatically erase the
entire chip or any combination of designated sectors and
verify the erased sectors
- Embedded Program algorithm automatically writes and
verifies data at specified addresses
Minimum 100,000 program/erase cycles per sector
20-year data retention at 125ºC
- Reliable operation for the life of the system
Compatible with JEDEC-standards
- Pinout and software compatible with single-power-supply
Flash memory standard
- Superior inadvertent write protection
Data Polling and toggle bits
- Provides a software method of detecting completion of
program or erase operations
Ready /
BUSY pin (RY / BY )
- Provides a hardware method of detecting completion of
program or erase operations
Erase Suspend/Erase Resume
- Suspends a sector erase operation to read data from, or
program data to, a non-erasing sector, then resumes the
erase operation
Hardware reset pin (
RESET )
- Hardware method to reset the device to reading array
data
Package options
- 48-pin TSOP (I) or 48-ball TFBGA
- All Pb-free (Lead-free) products are RoHS2.0 compliant
General Description
The A29801B is an 8Mbit, 5.0 volt-only Flash memory
organized as 1,048,576 bytes of 8 bits or 524,288 words of
16 bits each. The 8 bits of data appear on I/O0 - I/O7; the 16
bits of data appear on I/O0~I/O15. The is offered in 48-ball
FBGA and 48-Pin TSOP packages. This device is designed
to be programmed in-system with the standard system 5.0
volt VCC supply. Additional 12.0 volt VPP is not required for
in-system write or erase operations. However, the A29801B
can also be programmed in standard EPROM programmers.
The A29801B has the first toggle bit, I/O6, which indicates
whether an Embedded Program or Erase is in progress, or it
is in the Erase Suspend. Besides the I/O6 toggle bit, the
A29801B has a second toggle bit, I/O2, to indicate whether
the addressed sector is being selected for erase. The
A29801B also offers the ability to program in the Erase
Suspend mode. The standard A29801B offers access time of
55ns, allowing high-speed microprocessors to operate
without wait states. To eliminate bus contention the device
has separate chip enable (
CE ), write enable ( WE ) and
output enable (
OE ) controls.
The device requires only a single 5.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
The A29801B is entirely software command set compatible
with the JEDEC single-power-supply Flash standard.
Commands are written to the command register using
standard microprocessor write timings. Register contents
serve as input to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and
erase operations. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
Device programming occurs by writing the proper program
command sequence. This initiates the Embedded Program
algorithm - an internal algorithm that automatically times the
program pulse widths and verifies proper program margin.
Device erasure occurs by executing the proper erase
command sequence. This initiates the Embedded Erase
algorithm - an internal algorithm that automatically
preprograms the array (if it is not already programmed)


Similar Part No. - A29801BUV-55UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
More results

Similar Description - A29801BUV-55UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
   8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com