Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A290011BTL-55F Datasheet(PDF) 8 Page - AMIC Technology

Part # A290011BTL-55F
Description  128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A290011BTL-55F Datasheet(HTML) 8 Page - AMIC Technology

Back Button A290011BTL-55F Datasheet HTML 4Page - AMIC Technology A290011BTL-55F Datasheet HTML 5Page - AMIC Technology A290011BTL-55F Datasheet HTML 6Page - AMIC Technology A290011BTL-55F Datasheet HTML 7Page - AMIC Technology A290011BTL-55F Datasheet HTML 8Page - AMIC Technology A290011BTL-55F Datasheet HTML 9Page - AMIC Technology A290011BTL-55F Datasheet HTML 10Page - AMIC Technology A290011BTL-55F Datasheet HTML 11Page - AMIC Technology A290011BTL-55F Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
A29001B/A290011B Series
PRELIMINARY
(June, 2016, Version 0.0)
7
AMIC Technology, Corp.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The
hardware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors.
Sector protection/unprotection must be implemented using
programming equipment. The procedure requires a high
voltage (VID) on address pin A9 and the control pins.
The device is shipped with all sectors unprotected.
It is possible to determine whether a sector is protected or
unprotected. See "Autoselect Mode" for details.
Hardware Data Protection
The requirement of command unlocking sequence for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions
table). In addition, the following hardware data protection
measures prevent accidental erasure or programming,
which might otherwise be caused by spurious system level
signals during VCC power-up transitions, or from system
noise. The device is powered up to read array data to
avoid accidentally writing data to the array.
Write Pulse "Glitch" Protection
Noise pulses of less than 5ns (typical) on
OE , CE or
WE do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of
OE =VIL,
CE = VIH or WE = VIH. To initiate a write cycle, CE and
WE must be a logical zero while OE is a logical one.
Power-Up Write Inhibit
If
WE = CE = VIL and OE = VIH during power up, the
device does not accept commands on the rising edge of
WE . The internal state machine is automatically reset to
reading array data on the initial power-up.
Temporary Sector Unprotect (N/A A290011B)
This feature allows temporary unprotection of previous
protected sectors to change data in-system. The Sector
Unprotect mode is activated by setting the RESET pin to
VID. During this mode, formerly protected sectors can be
programmed or erased by selecting the sector addresses.
Once VID is removed from the RESET pin, all the
previously protected sectors are protected again. Figure 1
shows the algorithm, and the Temporary Sector Unprotect
diagram shows the timing waveforms, for this feature.
START
RESET = VID
(Note 1)
Perform Erase or
Program Operations
RESET = VIH
Temporary Sector
Unprotect
Completed (Note 2)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.
Figure 1. Temporary Sector Unprotect Operation


Similar Part No. - A290011BTL-55F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011BTL-55F AMICC-A290011BTL-55F Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
More results

Similar Description - A290011BTL-55F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29001 AMICC-A29001_07 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com