Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF8524E2XNV Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLF8524E2XNV
Description  4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8524E2XNV Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLF8524E2XNV Datasheet HTML 1Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 2Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 3Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 4Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 5Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 6Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 7Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 8Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 Finisar Corporation March 15, 2006 RevH
Page 1
Product Specification
4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524E2xNy
PRODUCT FEATURES
 Up to 4.25 Gb/s bi-directional
data links
 2x7 pin SFF-like footprint
 Built-in digital diagnostic functions
 850nm Oxide VCSEL laser
transmitter
 Duplex LC connector
 RoHS Compliant and Lead Free
 Up to 500m on 50/125
µm MMF,
300m on 62.5/125
µm MMF
 Metal enclosure, for lower EMI
 Single 3.3V power supply
 Extended operating temperature
range: -10°C to 85°C
(1)
APPLICATIONS
 Tri-Rate 1.063/2.125/4.25 Gb/s
Fibre Channel
Finisar’s FTLF8524E2xNy Small Form Factor (SFF) transceivers comply with the 2x5
standard package defined by the Small Form Factor Multi-Sourcing Agreement (MSA)
1,
with the exception of 4 extra pins outlined in Section I below. They are compatible with
Fibre Channel FC-PI-2 Rev. 10.0
2 and are RoHS compliant and lead-free per Directive
2002/95/EC
3 and Finisar Application Note AN-2038.
PRODUCT SELECTION
FTLF8524E2xNy
x
G
2 Grounding Pins, Short EMI shield
K
2 Grounding Pins, Long EMI shield
y
L
Non Rate Selectable - 1x, 2x, 4x Fibre Channel
V
Rate Selectable - 1x, 2x, 4x Fibre Channel
Note 1: For FTLF8524E2KNL only, the standard case operating temperature range is -5°C to +70°C.


Similar Part No. - FTLF8524E2XNV

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF8524E2XNV FRONTIER-FTLF8524E2XNV Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF8524E2XNV

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8524E2XNL FINISAR-FTLF8524E2XNL Datasheet
375Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524E2GNL FINISAR-FTLF8524E2GNL Datasheet
351Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524P2NL FINISAR-FTLF8524P2NL Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2XNY FINISAR-FTLF8524P2XNY Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2WNL FINISAR-FTLF8524P2WNL Datasheet
764Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2NV FINISAR-FTLF8524P2NV Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2WNL_VO1 FINISAR-FTLF8524P2WNL_VO1 Datasheet
714Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519F2XNL FINISAR-FTLF8519F2XNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com