Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF8524E2XNV Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLF8524E2XNV
Description  4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8524E2XNV Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLF8524E2XNV Datasheet HTML 1Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 2Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 3Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 4Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 5Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 6Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 7Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 8Page - Finisar Corporation. FTLF8524E2XNV Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FTLF8524E2xNy 2x7 Pin SFF Product Specification – March 2006
 Finisar Corporation March 15, 2006 RevH
Page 2
I.
Pin Descriptions
Pin
Symbol
Name/Description
Logic Family
MS
MS
Mounting Studs are for mechanical attachment and are connected to
chassis ground. Chassis ground is internally isolated from circuit
grounds. Connection to user’s ground plane is recommended.
NA
1
VEER
Receiver Ground (Common with Transmitter Ground)
NA
2
VCCR
Receiver Power Supply
NA
3
SD
Signal Detect. Logic 1 indicates normal operation.
LVTTL
4
RD-
Receiver Inverted DATA out. AC Coupled
See Rx spec.
5
RD+
Receiver Non-inverted DATA out. AC Coupled
See Rx spec.
6
VCCT
Transmitter Power Supply
NA
7
VEET
Transmitter Ground (Common with Receiver Ground)
NA
8
TDIS
Transmitter Disable
LVTTL
9
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
See Tx spec.
10
TD-
Transmitter Inverted DATA in. AC Coupled
See Tx spec.
A
SDA
Two Wire Digital Diagnostics Data Interface
See Note 1
B
SCL
Two Wire Digital Diagnostics Clock Interface
See Note 1
C
Rate
Select
Open or Low =
High =
1.063 Gb/s or 2.125 Gb/s Fibre Channel,
(Low Bandwidth)
2.125 or 4.25 Gb/s Fibre Channel (High Bandwidth)
LVTTL
See Note 2
D
Reserved
NA
Notes:
1. Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and VCC.
2. For Rate Selectable version only: In accordance with SFF Committee SFF-8079 Draft Rev. 1.6,
Table 3. Note that rate select can also be set through 2-wire bus in accordance with SFF-8472
5 at Bit
3, Byte 110, Address A2h (note: writing ‘1’ selects full bandwidth operation). Rate select is the logic
OR of the input state of Rate Select Pin and 2-wire bus. Non Rate Selectable version can operate at 1x,
2x, 4x Fibre Channel independent of rate select pin setting.
TOP VIEW
C A 1
5
D B 10 …
6
MS
MS


Similar Part No. - FTLF8524E2XNV

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF8524E2XNV FRONTIER-FTLF8524E2XNV Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF8524E2XNV

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8524E2XNL FINISAR-FTLF8524E2XNL Datasheet
375Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524E2GNL FINISAR-FTLF8524E2GNL Datasheet
351Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524P2NL FINISAR-FTLF8524P2NL Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2XNY FINISAR-FTLF8524P2XNY Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2WNL FINISAR-FTLF8524P2WNL Datasheet
764Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2NV FINISAR-FTLF8524P2NV Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2WNL_VO1 FINISAR-FTLF8524P2WNL_VO1 Datasheet
714Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519F2XNL FINISAR-FTLF8519F2XNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com