Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX6824MCC Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX6824MCC
Description  1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6824MCC Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX6824MCC Datasheet HTML 3Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 4Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 5Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 6Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 7Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 8Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 9Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 10Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FTLX6824MCC Product Specification
 Finisar Corporation August 2015
Rev. B1
Page 7
V.
Additional Specifications and Response Timing
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate
BR
8.5
11.35
Gb/s
1
Maximum Supported Link Length
LMAX
80
km
2
PMD Penalty (30ps of DGD)
1
dB
Notes:
1.
Amplified SONET OC-192, 10G Ethernet, SONET OC-192 with FEC, 10G Ethernet with FEC, 10G
Fibre Channel with FEC.
2.
Distance indicates dispersion budget. Optical amplification may be required to achieve maximum
distance.
Transmitter Power Monitor Accuracy
Initial accuracy at 25C:
+/- 1.5dB.
Relative accuracy over temperature, voltage and aging:
+/- 2dB.
Received Optical Power Monitor Accuracy (applicable measurement range defined from
-24dBm to -6dBm)
Initial accuracy at 25C:
+/- 1.5dB.
Relative accuracy over temperature, voltage and aging:
+/- 2dB.
Response timing:
Parameter
Min
Typ
Max
Units
Ref.
Tx_Dis
Assert
De-assert
10
2
us
ms
Rx_LOS
Asset
De-assert
100
100
us
us
Mod_NR
Asset
De-assert
1
1
ms
ms
Interrupt
Asset
De-assert
200
500
ms
us
P_Down/RST Time
10
us
P_Down/RST Asser Delay
100
us
Start-up time (Initialize time)
300
ms
1
1.
Time required for transponder to be ready to begin I2C communication with host from a cold start
or a hardware reset condition.
VI.
Environmental Specifications
Finisar FTLX6824MCC Tunable XFP transceivers have an operating temperature range
from -5°C to +70°C case temperature.
Parameter
Symbol Min Max Units
Ref.
Case Operating Temperature
Top
-5
70
°C
Storage Temperature
Tsto
-40
85
°C


Similar Part No. - FTLX6824MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6824MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC FINISAR-FTLX6811MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com