Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD3180-203 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # HFD3180-203
Description  4.25Gbps 850nm PIN Preamp, LC ROSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD3180-203 Datasheet(HTML) 7 Page - Finisar Corporation.

  HFD3180-203 Datasheet HTML 1Page - Finisar Corporation. HFD3180-203 Datasheet HTML 2Page - Finisar Corporation. HFD3180-203 Datasheet HTML 3Page - Finisar Corporation. HFD3180-203 Datasheet HTML 4Page - Finisar Corporation. HFD3180-203 Datasheet HTML 5Page - Finisar Corporation. HFD3180-203 Datasheet HTML 6Page - Finisar Corporation. HFD3180-203 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HFD3180-203
Product Specification – Aug 2014
F i n i s a r
Confidential and Proprietary © 2013 Finisar Corporation. All rights reserved
Rev. A1
Page 7
VI.
Revision History
Revision
Date
Description
B00
8/12/2014
Changed to Finisar Format
VII.
For More Information
Finisar Corporation
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - HFD3180-203

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFD3180-103 FINISAR-HFD3180-103 Datasheet
92Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-108 FINISAR-HFD3180-108 Datasheet
82Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
More results

Similar Description - HFD3180-203

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFD3141-203 FINISAR-HFD3141-203 Datasheet
348Kb / 6P
   4.25Gbps 1310nm PIN Preamp, LC ROSA
HFD3180-103 FINISAR-HFD3180-103 Datasheet
92Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-108 FINISAR-HFD3180-108 Datasheet
82Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD6180-421 FINISAR-HFD6180-421 Datasheet
158Kb / 7P
   10 Gbps 850nm PIN Preamp LC ROSA Package
HFD6380-418 FINISAR-HFD6380-418 Datasheet
148Kb / 7P
   10 Gbps 850nm PIN Preamp SC ROSA Package
PIN-1310-10LR-LC FINISAR-PIN-1310-10LR-LC Datasheet
219Kb / 7P
   10 GBPS 1310NM PIN PREAMP LC ROSA PACKAGE
PIN-1310-2I-LCA FINISAR-PIN-1310-2I-LCA Datasheet
190Kb / 6P
   3.7GBS 1310NM PINPREAMP ROSA
PIN-1310-10LR-SC FINISAR-PIN-1310-10LR-SC Datasheet
140Kb / 6P
   10 GBPS 1310NM PIN PREAMP SC AND LC ROSA PACKAGE
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
   4.25GBPS 850NM VCSEL LC TOSA PACKAGE
HFD7180-001 FINISAR-HFD7180-001 Datasheet
281Kb / 8P
   5 pin LC ROSA, with separate PD bias
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com