Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE4094-542 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # HFE4094-542
Description  2.5Gbps, 850nm VCSEL, TO-46 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFE4094-542 Datasheet(HTML) 2 Page - Finisar Corporation.

  HFE4094-542 Datasheet HTML 1Page - Finisar Corporation. HFE4094-542 Datasheet HTML 2Page - Finisar Corporation. HFE4094-542 Datasheet HTML 3Page - Finisar Corporation. HFE4094-542 Datasheet HTML 4Page - Finisar Corporation. HFE4094-542 Datasheet HTML 5Page - Finisar Corporation. HFE4094-542 Datasheet HTML 6Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HFE4094-542
Product Specification – Aug 2014
F i n i s a r
Confidential and Proprietary © 2013 Finisar Corporation. All rights reserved
Rev. A1
Page 2
I. Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-40 to +100°C
Case Operating Temperature
-40* to +85°C
Lead Solder Temperature
260°C, 10 sec.
Laser continuous Forward Current
12mA
Laser peak forward current with pulse
width less than 1ms
18mA
Laser Reverse voltage
5V
ESD Exposure (Human Body Model)
225V
1
Notice
Stresses greater than those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operations section for
extended periods of time may affect reliability.
Notice
The inherent design of this component causes it to be sensitive to
electrostatic discharge (ESD). To prevent ESD-induced damage
and/or degradation to equipment, take normal ESD precautions when
handling this product


Similar Part No. - HFE4094-542

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4091-341 FINISAR-HFE4091-341 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4093-332 FINISAR-HFE4093-332 Datasheet
119Kb / 6P
   850nm Single Mode VCSEL TO-46 Package
HFE4093-342 FINISAR-HFE4093-342 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
More results

Similar Description - HFE4094-542

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4091-341 FINISAR-HFE4091-341 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4093-342 FINISAR-HFE4093-342 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4093-332 FINISAR-HFE4093-332 Datasheet
119Kb / 6P
   850nm Single Mode VCSEL TO-46 Package
HFE4080-321 FINISAR-HFE4080-321 Datasheet
226Kb / 6P
   1.25Gbps 850nm VCSEL, TO-46
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
logo
Finisar Corporation.
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
   4.25GBPS 850NM VCSEL LC TOSA PACKAGE
HFE7192-6X1 FINISAR-HFE7192-6X1 Datasheet
546Kb / 7P
   8Gbps 850nm VCSEL, LC TOSA Package
HFE4083-322 FINISAR-HFE4083-322 Datasheet
119Kb / 6P
   1.25Gbps VCSEL Component, TO-46
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com