Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PASMA8.2CA Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # PASMA8.2CA
Description  400W surge capability at 1ms
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

PASMA8.2CA Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  PASMA8.2CA Datasheet HTML 1Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 2Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 3Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 4Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 5Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 6Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P4SMA SERIIES
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4SMA SERIES]
© Bruckewell Technology Corporation Rev. A -2
014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
PASMA82CA
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
PASMA91C
81.9
100
1.0
73.7
5.0
3.2
131
0.106
PASMA91CA
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
PASMA100C
90.0
110
1.0
81.0
5.0
2.9
144
0.106
PASMA100CA
95.0
105
1.0
85.5
5.0
3.1
137
0.106
PASMA110C
99.0
121
1.0
89.2
5.0
2.7
158
0.107
PASMA110CA
105
116
1.0
91.0
5.0
2.8
152
0.107
PASMA120C
108
132
1.0
97.2
5.0
2.4
173
0.107
PASMA120CA
114
126
1.0
102
5.0
2.5
165
0.107
PASMA130C
117
143
1.0
105
5.0
2.2
187
0.107
PASMA130CA
124
137
1.0
111
5.0
2.3
179
0.107
PASMA150C
135
165
1.0
121
5.0
2.0
215
0.108
PASMA150CA
143
158
1.0
128
5.0
2.0
207
0.108
PASMA160C
144
176
1.0
130
5.0
1.8
230
0.108
PASMA160CA
152
168
1.0
136
5.0
1.9
219
0.108
PASMA170C
153
187
1.0
138
5.0
1.7
244
0.108
PASMA170CA
162
179
1.0
145
5.0
1.8
234
0.108
PASMA180C
162
198
1.0
146
5.0
1.6
258
0.108
PASMA180CA
171
189
1.0
154
5.0
1.7
246
0.108
PASMA200C
180
220
1.0
162
5.0
1.5
287
0.108
PASMA200CA
190
210
1.0
171
5.0
1.53
274
0.108
PASMA220C
198
242
1.0
175
5.0
1.16
344
0.108
PASMA220CA
209
231
1.0
185
5.0
1.22
328
0.108
PASMA250C
225
275
1.0
202
5.0
1.11
360
0.110
PASMA250CA
237
263
1.0
214
5.0
1.16
344
0.110
PASMA300C
270
330
1.0
243
5.0
0.93
430
0.110
PASMA300CA
285
315
1.0
256
5.0
0.97
414
0.110
PASMA350C
315
385
1.0
284
5.0
0.79
504
0.110
PASMA350CA
332
368
1.0
300
5.0
0.83
482
0.110


Similar Part No. - PASMA8.2CA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
   Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1L MINI-PAS-1L Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1M MINI-PAS-1M Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1U MINI-PAS-1U Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
More results

Similar Description - PASMA8.2CA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
   400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
   400W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
   600W surge capability at 1ms
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
   600W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
   600W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com