Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE8.2A Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # P4KE8.2A
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4KE8.2A Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  P4KE8.2A Datasheet HTML 1Page - Bruckewell Technology LTD P4KE8.2A Datasheet HTML 2Page - Bruckewell Technology LTD P4KE8.2A Datasheet HTML 3Page - Bruckewell Technology LTD P4KE8.2A Datasheet HTML 4Page - Bruckewell Technology LTD P4KE8.2A Datasheet HTML 5Page - Bruckewell Technology LTD P4KE8.2A Datasheet HTML 6Page - Bruckewell Technology LTD P4KE8.2A Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P4KE
Transient Voltage Suppressor
VBR : 6.8 - 550 Volts
PPK : 400 Watts
Publication Order Number: [P4KE]
©Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P4KE82A
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
P4KE91
81.9
100
1.0
73.7
5.0
3.2
131
0.106
P4KE91A
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
P4KE100
90.0
110
1.0
81.0
5.0
2.9
144
0.106
P4KE100A
95.0
105
1.0
85.5
5.0
3.1
137
0.106
P4KE110
99.0
121
1.0
89.2
5.0
2.7
158
0.107
P4KE110A
105
116
1.0
91.0
5.0
2.8
152
0.107
P4KE120
108
132
1.0
97.2
5.0
2.4
173
0.107
P4KE120A
114
126
1.0
102
5.0
2.5
165
0.107
P4KE130
117
143
1.0
105
5.0
2.2
187
0.107
P4KE130A
124
137
1.0
111
5.0
2.3
179
0.107
P4KE150
135
165
1.0
121
5.0
2.0
215
0.108
P4KE150A
143
158
1.0
128
5.0
2.0
207
0.108
P4KE160
144
176
1.0
130
5.0
1.8
230
0.108
P4KE160A
152
168
1.0
136
5.0
1.9
219
0.108
P4KE170
153
187
1.0
138
5.0
1.7
244
0.108
P4KE170A
162
179
1.0
145
5.0
1.8
234
0.108
P4KE180
162
198
1.0
146
5.0
1.6
258
0.108
P4KE180A
171
189
1.0
154
5.0
1.7
246
0.108
P4KE200
180
220
1.0
162
5.0
1.5
287
0.108
P4KE200A
190
210
1.0
171
5.0
1.53
274
0.108
P4KE220
198
242
1.0
175
5.0
1.16
344
0.108
P4KE220A
209
231
1.0
185
5.0
1.22
328
0.108
P4KE250
225
275
1.0
202
5.0
1.11
360
0.110
P4KE250A
237
263
1.0
214
5.0
1.16
344
0.110
P4KE300
270
330
1.0
243
5.0
0.93
430
0.110
P4KE300A
285
315
1.0
256
5.0
0.97
414
0.110
P4KE350
315
385
1.0
284
5.0
0.79
504
0.110
P4KE350A
332
368
1.0
300
5.0
0.83
482
0.110


Similar Part No. - P4KE8.2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE8.2A PANJIT-P4KE8.2A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Microdiode Electronics ...
P4KE8.2A CHENDA-P4KE8.2A Datasheet
838Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power400 Watts
logo
Taiwan Semiconductor Co...
P4KE8.2A TSC-P4KE8.2A Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Comchip Technology
P4KE8.2A COMCHIP-P4KE8.2A Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P4KE8.2A NJSEMI-P4KE8.2A Datasheet
212Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE8.2A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com