Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4MF03107SPZQQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # S4MF03107SPZQQ1
Description  TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

S4MF03107SPZQQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button S4MF03107SPZQQ1 Datasheet HTML 7Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 8Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 9Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 10Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 11Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 12Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 13Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 14Page - Texas Instruments S4MF03107SPZQQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
TMS470MF04207
TMS470MF03107
www.ti.com
SPNS159C
– JANUARY 2012
2.1.2
Memory Selects
Memories in the TMS470M devices are located at fixed addresses. Table 2-2 through Table 2-7 detail the
mapping of the memory regions.
Table 2-2. TMS470MF04207-Specific Memory Frame Assignment
MEMORY FRAME NAME
START ADDRESS
ENDING ADDRESS
MEMORY TYPE
ACTUAL MEMORY
0x0000 0000
0x0005 FFFF
Flash
384K Bytes
nCS0(1)
0x0008 0000
0x0008 FFFF
Flash
64K Bytes
RAM-CLR
0x0810 0000
0x0810 5FFF
Internal RAM
24K Bytes
RAM-SET
0x0808 0000
0x0808 5FFF
Internal RAM
24K Bytes
0x0800 0000
0x0800 5FFF
Internal RAM
24K Bytes
CSRAM0(1)
0x0840 0000
0x0840 5FFF
Internal RAM-ECC
24K Bytes
(1)
Additional address mirroring could be present resulting in invalid but addressable locations beyond those listed above. TI recommends
the use of the MPU for protecting access to addresses outside the intended range of use.
Table 2-3. TMS470MF03107-Specific Memory Frame Assignment
MEMORY FRAME NAME
START ADDRESS
ENDING ADDRESS
MEMORY TYPE
ACTUAL MEMORY
0x0000 0000
0x0003 FFFF
Flash
256K Bytes
nCS0(1)
0x0008 0000
0x0008 FFFF
Flash
64K Bytes
RAM-CLR
0x0810 0000
0x0810 3FFF
Internal RAM
16K Bytes
RAM-SET
0x0808 0000
0x0808 3FFF
Internal RAM
16K Bytes
0x0800 0000
0x0800 3FFF
Internal RAM
16K Bytes
CSRAM0(1)
0x0840 0000
0x0840 3FFF
Internal RAM-ECC
16K Bytes
(1)
Additional address mirroring could be present resulting in invalid but addressable locations beyond those listed above. TI recommends
the use of the MPU for protecting access to addresses outside the intended range of use.
Table 2-4. Memory Initialization and MBIST
ADDRESS RANGE
MEMORY INITIALIZATION
MBIST CONTROLLER
CONNECTING MODULE
CHANNEL
ENABLE CHANNEL
BASE ADDRESS
ENDING ADDRESS
System RAM (TMS470MF04207)
0x0800 0000
0x0800 5FFF
0
0
System RAM (TMS470MF03107)
0x0800 0000
0x0800 3FFF
0
0
MibSPI1 RAM
0xFF0E 0000
0xFF0F FFFF
1
1 or 2(1)
MibSPI2 RAM
0xFF0C 0000
0xFF0D FFFF
2
DCAN1 RAM
0xFF1E 0000
0xFF1F FFFF
3
3 or 4(1)
DCAN2 RAM
0xFF1C 0000
0xFF1D FFFF
4
ADC RAM
0xFF3E 0000
0xFF3F FFFF
5
5
HET RAM
0xFF46 0000
0xFF47 FFFF
Not Available
6
STC ROM
Not Applicable
Not Applicable
Not Applicable
7
(1)
There are single MBIST controllers for both MibSPI RAMs and both DCAN RAMs. The MBIST controller for both MibSPI RAMs is
mapped to channels 1 and 2 and the MBIST controller for both DCAN RAMs is mapped to channels 3 and 4. MBIST on these modules
can be initiated by selecting one of the 2 channels or both.
Table 2-5. Peripheral Memory Chip Select Assignment
ADDRESS RANGE
PERIPHERAL
CONNECTING MODULE
SELECTS
BASE ADDRESS
ENDING ADDRESS
MibSPI1 RAM
0xFF0E 0000
0xFF0F FFFF
PCS[7]
MibSPI2 RAM
0xFF0C 0000
0xFF0D FFFF
PCS[6]
DCAN1 RAM
0xFF1E 0000
0xFF1F FFFF
PCS[14]
DCAN2 RAM
0xFF1C 0000
0xFF1D FFFF
PCS[15]
Copyright
© 2012, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s): TMS470MF04207 TMS470MF03107


Similar Part No. - S4MF03107SPZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S4MF03107SPZQQ1 TI1-S4MF03107SPZQQ1 Datasheet
536Kb / 67P
[Old version datasheet]   TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - S4MF03107SPZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470MF03107 TI1-TMS470MF03107 Datasheet
536Kb / 67P
[Old version datasheet]   TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com