Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4686 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MMSZ4686
Description  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MMSZ4686 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MMSZ4686 Datasheet HTML 1Page - Bruckewell Technology LTD MMSZ4686 Datasheet HTML 2Page - Bruckewell Technology LTD MMSZ4686 Datasheet HTML 3Page - Bruckewell Technology LTD MMSZ4686 Datasheet HTML 4Page - Bruckewell Technology LTD MMSZ4686 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMSZ4685-MMSZ4717
SILICON PLANAR ZENER DIODES
Publication Order Number: [MMSZ4685-MMSZ4717]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Type
Zener VoltageVZ (V) at IZT=50mA
Max Reverse
LeakageCurrent
Test Voltage
Marking Code
Nom
Min
Max
IR
VR
V
V
V
μA
V
MMSZ4685
3.6
3.42
3.78
7.5
2.0
CM
MMSZ4686
3.9
3.71
4.10
5.0
2.0
CN
MMSZ4687
4.3
4.09
4.52
4.0
2.0
CP
MMSZ4688
4.7
4.47
4.94
10
3.0
CT
MMSZ4689
5.1
4.85
5.36
10
3.0
CU
MMSZ4690
5.6
5.32
5.88
10
4.0
CV
MMSZ4691
6.2
5.89
6.51
10
5.0
CA
MMSZ4692
6.8
6.46
7.14
10
5.1
CX
MMSZ4693
7.5
7.13
7.88
10
5.7
CY
MMSZ4694
8.2
7.79
8.61
1.0
6.2
CZ
MMSZ4695
8.7
8.27
9.14
1.0
6.6
D
MMSZ4696
9.1
8.65
9.56
1.0
6.9
D
MMSZ4697
10
9.50
10.50
1.0
7.6
DE
MMSZ4698
11
10.50
11.60
0.05
8.4
DF
MMSZ4699
12
11.40
12.60
0.05
9.1
DH
MMSZ4700
13
12.40
13.70
0.05
9.8
DJ
MMSZ4701
14
13.30
14.70
0.05
10.6
DK
MMSZ4702
15
14.30
15.80
0.05
11.4
DM
MMSZ4703
16
15.20
16.80
0.05
12.1
DN
MMSZ4704
17
16.20
17.90
0.05
12.9
DP
MMSZ4705
18
17.10
18.90
0.05
13.6
DT
MMSZ4706
19
18.11
20.00
0.05
14.4
DU
MMSZ4707
20
19.00
21.00
0.01
15.2
DV
MMSZ4708
22
20.90
23.10
0.01
16.7
DA
MMSZ4709
24
22.80
25.20
0.01
18.2
DZ
MMSZ4710
25
23.80
26.30
0.01
19.0
DY
MMSZ4711
27
25.70
28.40
0.01
20.4
EA
MMSZ4712
28
26.60
29.40
0.01
21.2
EC
MMSZ4713
30
28.50
31.50
0.01
22.8
ED
MMSZ4714
33
31.40
34.70
0.01
25.0
EE
MMSZ4715
36
34.20
37.80
0.01
27.3
EF


Similar Part No. - MMSZ4686

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4686 GE-MMSZ4686 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Jiangsu Changjiang Elec...
MMSZ4686 JIANGSU-MMSZ4686 Datasheet
752Kb / 4P
   ZENER DIODE
logo
EIC discrete Semiconduc...
MMSZ4686 EIC-MMSZ4686 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4686 FOSHAN-MMSZ4686 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Fairchild Semiconductor
MMSZ4686 FAIRCHILD-MMSZ4686 Datasheet
61Kb / 3P
   Half watt, General purpose, Medium Current Surface Mount Zener
More results

Similar Description - MMSZ4686

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com