Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE130 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # P4KE130
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4KE130 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  P4KE130 Datasheet HTML 1Page - Bruckewell Technology LTD P4KE130 Datasheet HTML 2Page - Bruckewell Technology LTD P4KE130 Datasheet HTML 3Page - Bruckewell Technology LTD P4KE130 Datasheet HTML 4Page - Bruckewell Technology LTD P4KE130 Datasheet HTML 5Page - Bruckewell Technology LTD P4KE130 Datasheet HTML 6Page - Bruckewell Technology LTD P4KE130 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P4KE
Transient Voltage Suppressor
VBR : 6.8 - 550 Volts
PPK : 400 Watts
Publication Order Number: [P4KE]
©Bruckewell Technology Corporation Rev. A -2014
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on copper Lead area at 1.57 in
2 ( 40 mm2 ).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P4KE6.8
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
P4KE6.8A
6.45
7.14
10
5.80
1000
40.0
10.5
0.057
P4KE7.5
6.75
8.25
10
6.05
500
36.0
11.7
0.061
P4KE7.5A
7.13
7.88
10
6.40
500
37.0
11.3
0.061
P4KE8.2
7.38
9.02
10
6.63
200
33.0
12.5
0.065
P4KE8.2A
7.79
8.61
10
7.02
200
35.0
12.1
0.065
P4KE9.1
8.19
10.0
1.0
7.37
50
30.0
13.8
0.068
P4KE9.1A
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
P4KE10
9.00
11.0
1.0
8.10
10
28.0
15.0
0.073
P4KE10A
9.50
10.5
1.0
8.55
10
29.0
14.5
0.073
P4KE11
9.90
12.1
1.0
8.92
5.0
26.0
16.2
0.075
P4KE11A
10.5
11.6
1.0
9.40
5.0
27.0
15.6
0.075
P4KE12
10.8
13.2
1.0
9.72
5.0
24.0
17.3
0.078
P4KE12A
11.4
12.6
1.0
10.2
5.0
25.0
16.7
0.078
P4KE13
11.7
14.3
1.0
10.5
5.0
22.0
19.0
0.081
P4KE13A
12.4
13.7
1.0
11.1
5.0
23.0
18.2
0.081
P4KE15
13.5
16.5
1.0
12.1
5.0
19.0
22.0
0.084
P4KE15A
14.3
15.8
1.0
12.8
5.0
20.0
21.2
0.084
P4KE16
14.4
17.6
1.0
12.9
5.0
18.0
23.5
0.086
P4KE16A
15.2
16.8
1.0
13.6
5.0
19.0
22.5
0.086
P4KE17
15.3
18.7
1.0
13.7
5.0
17.0
25.0
0.087
P4KE17A
16.2
17.9
1.0
14.5
5.0
18.0
24.0
0.087
P4KE18
16.2
19.8
1.0
14.5
5.0
16.0
26.5
0.088
P4KE18A
17.1
18.9
1.0
15.3
5.0
17.0
25.5
0.088
P4KE20
18.0
22.0
1.0
16.2
5.0
14.0
29.1
0.090
P4KE20A
19.0
21.0
1.0
17.1
5.0
15.0
27.7
0.090


Similar Part No. - P4KE130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE130 PANJIT-P4KE130 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
UN Semiconducctor INC
P4KE130 UNSEMI-P4KE130 Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P4KE130 LUGUANG-P4KE130 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE130 DIOTEC-P4KE130 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE130 LUGUANG-P4KE130 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE130

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com