Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5703135DZWTQQ1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS5703135DZWTQQ1
Description  TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5703135DZWTQQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS5703135DZWTQQ1 Datasheet HTML 5Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 6Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 7Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 8Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 9Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 10Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 11Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 12Page - Texas Instruments TMS5703135DZWTQQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 170 page
background image
TMS570LS3135, TMS570LS2135, TMS570LS2125
www.ti.com
SPNS164C – APRIL 2012 – REVISED APRIL 2015
3
Device Comparison
Table 3-1 lists the features of the TMS570LS2125/LS2135/LS3135 devices.
Table 3-1. TMS570LS2125, LS2135, LS3135 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part
TMS570LC4357ZWT
(3)
TMS570LS3137ZWT
(3)
TMS570LS3135ZWT
TMS570LS3135PGE
TMS570LS2135ZWT
TMS570LS2135PGE
TMS570LS2125ZWT
TMS570LS2125PGE
TMS570LS1227ZWT
(3)
Number
Package
337 BGA
337 BGA
337 BGA
144 QFP
337 BGA
144 QFP
337 BGA
144 QFP
337 BGA
CPU
ARM Cortex-R5F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
Frequency (MHz)
300
180
180
160
180
160
180
160
180
32 I
Cache (KB)
32 D
Flash (KB)
4096
3072
3072
3072
2048
2048
2048
2048
1280
RAM (KB)
512
256
256
256
256
256
192
192
192
Data Flash
128
64
64
64
64
64
64
64
64
[EEPROM] (KB)
EMAC
10/100
10/100
10/100
FlexRay
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
2-ch
CAN
4
3
3
3
3
3
3
3
3
MibADC
2 (41ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
12-bit (Ch)
N2HET (Ch)
2 (64)
2 (44)
2 (50)
2 (50)
2 (44)
2 (40)
2 (44)
2 (40)
2 (44)
ePWM Channels
14
14
eCAP Channels
6
6
eQEP Channels
2
2
MibSPI (CS)
5 (4 x 6 + 2)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
SPI (CS)
2 (2 + 1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
2 (2 + 1)
SCI (LIN)
4 (2 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2
1
1
1
1
1
1
1
1
I
2C
168 (with 16 interrupt
144 (with 16 interrupt
144 (with 16 interrupt
58 (with 4 interrupt
144 (with 16 interrupt
58 (with 4 interrupt
144 (with 16 interrupt
58 (with 4 interrupt
101 (with 16 interrupt
GPIO (INT)
(4)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
EMIF
16-bit data
16-bit data
16-bit data
16-bit data
16-bit data
16-bit data
ETM (Trace)
32-bit
32-bit
32-bit
32-bit
32-bit
RTP/DMM
16/16
16/16
16/16
16/16
16/16
Operating
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
Temperature
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/tms570
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the same time.
(3)
Superset device
(4)
Total number of pins that can be used as general-purpose input or output when not used as part of a peripheral
Copyright © 2012–2015, Texas Instruments Incorporated
Device Comparison
9
Submit Documentation Feedback


Similar Part No. - TMS5703135DZWTQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5703135DZWTQQ1 TI1-TMS5703135DZWTQQ1 Datasheet
8Mb / 172P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS5703135DZWTQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3135 TI1-TMS570LS3135_V01 Datasheet
8Mb / 172P
[Old version datasheet]   TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com