Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4717 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MMSZ4717
Description  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MMSZ4717 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MMSZ4717 Datasheet HTML 1Page - Bruckewell Technology LTD MMSZ4717 Datasheet HTML 2Page - Bruckewell Technology LTD MMSZ4717 Datasheet HTML 3Page - Bruckewell Technology LTD MMSZ4717 Datasheet HTML 4Page - Bruckewell Technology LTD MMSZ4717 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMSZ4685-MMSZ4717
SILICON PLANAR ZENER DIODES
Publication Order Number: [MMSZ4685-MMSZ4717]
© Bruckewell Technology Corporation Rev. A -2014
Features
• RoHS compliant package
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings and Thermal Characteristics (Ta=25°C)
Symbol
Parameter
Value
Unit
*Ptot
Power Dissipation at TL=75°C
500
mW
TJ
Junction Temperature Range
150
°C
Tstg
Storage Temperature Range
-65 to +150
°C
*FR-4 or FR5 board with minimum recommended solder pad layout
Maximum Ratings and Thermal Characteristics (Ta=25°C)
Symbol
Parameter
Value
Unit
*Rth (j-a)
Thermal Resistance Junction to Ambient Air
340
°C/W


Similar Part No. - MMSZ4717

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4717 GE-MMSZ4717 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Won-Top Electronics
MMSZ4717 WTE-MMSZ4717 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
MMSZ4717 EIC-MMSZ4717 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4717 FOSHAN-MMSZ4717 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
TAITRON Components Inco...
MMSZ4717 TAITRON-MMSZ4717 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ4717

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com