Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGF1C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # EGF1C
Description  ULTRAFAST SURFACE MOUNT RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EGF1C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  EGF1C Datasheet HTML 1Page - SUNMATE electronic Co., LTD EGF1C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
175
0100
0
0.5
1.0
25
50
75
125
150
20
80
0.1
10
100
0
40
60
100
1,000
0
1
1
10
5.0
10
20
100
0
15
25
30
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
50
0.01
0.1
1
10
100
0.1
1
10
100
0.1
1
10
100
0
10
20
30
40
50
60
70
RATINGS AND CHARACTERISTICS CURVES EGF1A THRU EGF1D
FIG. 1 - MAXIMUM FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE, °C
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED on
0.2 x 0.2” (5.0 x 5.0mm)
COPPER PAD AREAS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
TJ=25°C
TJ=150°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 3 -TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method)
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
TJ=150°C
TJ=100°C
TJ=25°C
NUMBER OF CYCLES AT 60 HZ
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
www.sunmate.tw


Similar Part No. - EGF1C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGF1C FAIRCHILD-EGF1C Datasheet
90Kb / 4P
   1.0 Ampere High Efficiency Glass Passivated Rectifier
logo
General Semiconductor
EGF1C GE-EGF1C Datasheet
91Kb / 2P
   ULTRAFAST SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
EGF1C FAIRCHILD-EGF1C Datasheet
51Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Taiwan Semiconductor Co...
EGF1C TSC-EGF1C Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
Vishay Siliconix
EGF1C VISHAY-EGF1C Datasheet
106Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-07
More results

Similar Description - EGF1C

ManufacturerPart #DatasheetDescription
logo
RFE international
MURS460 RFE-MURS460 Datasheet
2Mb / 3P
   Surface Mount Ultrafast Rectifier Diodes
14-01-2021
logo
SUNMATE electronic Co.,...
ESH1B SUNMATE-ESH1B Datasheet
309Kb / 2P
   SURFACE MOUNT ULTRAFAST PLASTIC RECTIFIER DIODES
logo
Semikron International
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
logo
Diotec Semiconductor
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A-Q DIOTEC-US1A-Q_13 Datasheet
130Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Semikron International
EGL1A SEMIKRON-EGL1A_07 Datasheet
199Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
logo
SUNMATE electronic Co.,...
EGL41A SUNMATE-EGL41A Datasheet
425Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com