Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848A Datasheet(PDF) 7 Page - Formosa MS

Part # BC848A
Description  SMD NPN Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BC848A Datasheet(HTML) 7 Page - Formosa MS

  BC848A Datasheet HTML 1Page - Formosa MS BC848A Datasheet HTML 2Page - Formosa MS BC848A Datasheet HTML 3Page - Formosa MS BC848A Datasheet HTML 4Page - Formosa MS BC848A Datasheet HTML 5Page - Formosa MS BC848A Datasheet HTML 6Page - Formosa MS BC848A Datasheet HTML 7Page - Formosa MS BC848A Datasheet HTML 8Page - Formosa MS BC848A Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Packing information
Page 7
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
Item
Tolerance
SOT-23
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
-
178.00
-
55.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
12.0
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
3.15
2.77
1.22
BC846A/B-BC847A/B/C
BC849B/C-BC850B/C
BC848A/B/C-
DS-231154
2009/08/10
2011/07/21
C
9
SMD NPN Transistor


Similar Part No. - BC848A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BC848A LUGUANG-BC848A Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Transys Electronics
BC848A TRSYS-BC848A Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
BC848A BILIN-BC848A Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC848A TSC-BC848A Datasheet
218Kb / 5P
   NPN Small Signal Transistor
logo
DONGGUAN YOU FENG WEI E...
BC848A YFWDIODE-BC848A Datasheet
704Kb / 4P
   NPN Transistors
More results

Similar Description - BC848A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com