Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA005D02DCA Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA005D02DCA
Description  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA005D02DCA Datasheet(HTML) 5 Page - Texas Instruments

  TPA005D02DCA Datasheet HTML 1Page - Texas Instruments TPA005D02DCA Datasheet HTML 2Page - Texas Instruments TPA005D02DCA Datasheet HTML 3Page - Texas Instruments TPA005D02DCA Datasheet HTML 4Page - Texas Instruments TPA005D02DCA Datasheet HTML 5Page - Texas Instruments TPA005D02DCA Datasheet HTML 6Page - Texas Instruments TPA005D02DCA Datasheet HTML 7Page - Texas Instruments TPA005D02DCA Datasheet HTML 8Page - Texas Instruments TPA005D02DCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPA005D02
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS227C – AUGUST 1998 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, PVDD, LPVDD, RPVDD, VDD
4.5
5.5
V
High-level input voltage, VIH
4.25
V
Low-level input voltage, VIL
0.75
V
Audio inputs, LINN, LINP, RINN, RINP, HPLIN, HPRIN, differential input voltage
1
VRMS
PWM frequency
100
500
kHZ
electrical characteristics, VDD = PVDD = LPVDD = RPVDD = 5 V, RL = 4 Ω, TC = 25°C, See Figure 1
(resistive load) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Power supply rejection ratio
VDD = PVDD = LPVDD = RPVDD = 4.9 V to 5.1 V
40
dB
IDD
Supply current
No load or output filter
25
40
mA
IDD(MUTE) Supply current, mute mode
MUTE = 0 V
10
15
mA
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V
400
2000
µA
IIH
High-level input current
VIH = 5.3 V
10
µA
IIL
Low-level input current
VIL = – 0.3 V
–10
µA
rDS(on)
Total static drain-to-source
on-state resistance
(low-side plus high-side FETs)
ID = 0.5 A
620
750
m
rDS(on)
Matching
95%
99.5%
operating characteristics, VDD = PVDD = LPVDD = RPVDD = 5 V, RL = 4 Ω, TC = 25°C, See Figure 1
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
RMS output power, THD = 0.5%, per channel
2
W
THD+N
Total harmonic distortion plus noise
PO = 1 W, f = 1 kHz
0.2%
Efficiency
RL = 8 Ω
80%
AV
Gain
24
dB
Left/right channel gain matching
95%
Noise floor
60
dB
Dynamic range
70
dB
Crosstalk
f = 1 kHz
55
dB
Frequency response bandwidth, post output filter, – 3 dB
20
20,000
Hz
BOM
Maximum output power bandwidth
20
kHz
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJP
Thermal resistance, junction-to-pad
10
°C/W
R
θJA
Thermal resistance, junction-to-pad†
22.3
°C/W
† Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (literature number SLMA002), for
more information on the PowerPAD package. The thermal data was measured on a PCB layout based on the information in the section entitled
Texas Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document.


Similar Part No. - TPA005D02DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02DCA TI-TPA005D02DCA Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA005D02DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com