Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMSBSS123 Datasheet(PDF) 3 Page - Formosa MS

Part # FMSBSS123
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMSBSS123 Datasheet(HTML) 3 Page - Formosa MS

  FMSBSS123 Datasheet HTML 1Page - Formosa MS FMSBSS123 Datasheet HTML 2Page - Formosa MS FMSBSS123 Datasheet HTML 3Page - Formosa MS FMSBSS123 Datasheet HTML 4Page - Formosa MS FMSBSS123 Datasheet HTML 5Page - Formosa MS FMSBSS123 Datasheet HTML 6Page - Formosa MS FMSBSS123 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
PARAMETER
Gate-body leakage current
Gate threshold voltage
Static drain-source on-resistance
Forward transconductance
Intput capacitance
Reverse transfer capacitance
Turn-On Delay Time
Turn-Off Delay Time
VGS = 0V, ID= 250uAdc
VGS = 20Vdc, VDS=0
VDS =
, ID = 1.0mAdc
VGS
VGS = 10Vdc, ID = 100mAdc
CONDITIONS
Symbol
BVDSS
IGSS
VGS(th)
IDSS
gfs
Ciss
td(on)
MIN.
100
80
TYP.
MAX.
50
UNIT
Vdc
nAdc
Vdc
Ω
mmhos
V
pF
ns
o
Electrical characteristics (At T =25 C unless otherwise noted)
A
Drain-source breakdown voltage
VCC = 30Vdc RGS=50Ω
IC=0.28Adc, VGS=10Vdc
,
VDS =25Vdc, ID =100mAdc
Zero gate voltage drain current
VGS = 0V, VDS = 100Vdc
O
, TJ = 25 C
O
VGS = 0V, VDS = 100Vdc, TJ = 125 C
60
15
µAdc
RDS(ON)
20
0.8
20
Off Characteristics
On Characteristics *4
2.8
Diode forward on-voltage
O
VGS =0Vdc,
J
=25 C,
ID = 0.34Adc, T
1.3
Dynamic Characteristics
Output capacitance
Coss
Crss
VDS = 25Vdc, VGS = 0V,
f=1.0MHz
9.0
4.0
td(off)
40
VSD
6.0
*4: Pulse Test: Pulse Width ≤300us, Duty Cycle ≤2. 0%
FMSBSS123
5.0
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231146
2009/08/10
2011/07/21
C
7
Switching Characteristics *4
Reverse Diode
N-Channel Power MOSFET


Similar Part No. - FMSBSS123

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMSBSS138 FORMOSA-FMSBSS138 Datasheet
779Kb / 8P
   N-Channel SMD MOSFET
More results

Similar Description - FMSBSS123

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com