Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA032D04DCAG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA032D04DCAG4
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA032D04DCAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA032D04DCAG4 Datasheet HTML 7Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 8Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 9Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 10Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 11Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 12Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 13Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 14Page - Texas Instruments TPA032D04DCAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPA032D04
10W STEREO CLASSD AUDIO POWER AMPLIFIER
SLOS203B − DECEMBER 1999 − REVISED JUNE 2000
12
TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
input capacitor, CI
In the typical application an input capacitor, CI, is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, CI and ZI, the TPA032D04’s input resistance forms a
high-pass filter with the corner frequency determined in equation 8.
(8)
f
c(highpass) +
1
2
pZ
I
C
I
−3 dB
fc
ZI is nominally 10 kΩ
The value of CI is important to consider as it directly affects the bass (low frequency) performance of the circuit.
Consider the example where the specification calls for a flat bass response down to 40 Hz. Equation 8 is
reconfigured as equation 9.
(9)
C
I +
1
2
pZ
I
fc
In this example, CI is 0.40 µF so one would likely choose a value in the range of 0.47 µF to 1 µF. A low-leakage
tantalum or ceramic capacitor is the best choice for the input capacitors. When polarized capacitors are used,
the positive side of the capacitor should face the amplifier input, as the dc level there is held at 1.5 V, which is
likely higher than the source dc level. Please note that it is important to confirm the capacitor polarity in the
application.
differential input
The TPA032D04 has differential inputs to minimize distortion at the input to the IC. Since these inputs nominally
sit at 1.5 V, dc-blocking capacitors are required on each of the four input terminals. If the signal source is
single-ended, optimal performance is achieved by treating the signal ground as a signal. In other words,
reference the signal ground at the signal source, and run a trace to the dc-blocking capacitor, which should be
located physically close to the TPA032D04. If this is not feasible, it is still necessary to locally ground the unused
input terminal through a dc-blocking capacitor.
power supply decoupling, CS
The TPA032D04 is a high-performance Class-D CMOS audio amplifier that requires adequate power supply
decoupling to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling
also prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling
is achieved by using two capacitors of different types that target different types of noise on the power supply
leads. For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically 0.1
µF placed as close as possible to the device’s various VDD
leads, works best. For filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF
or greater placed near the audio power amplifier is recommended.
The TPA032D04 has several different power supply terminals. This was done to isolate the noise resulting from
high-current switching from the sensitive analog circuitry inside the IC.


Similar Part No. - TPA032D04DCAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D04DCA TI-TPA032D04DCA Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04DCA TI-TPA032D04DCA Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04DCAR TI-TPA032D04DCAR Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04DCARG4 TI-TPA032D04DCARG4 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D04DCAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com