Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ4B Datasheet(PDF) 3 Page - Formosa MS

Part # GBJ4B
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GBJ4B Datasheet(HTML) 3 Page - Formosa MS

  GBJ4B Datasheet HTML 1Page - Formosa MS GBJ4B Datasheet HTML 2Page - Formosa MS GBJ4B Datasheet HTML 3Page - Formosa MS GBJ4B Datasheet HTML 4Page - Formosa MS GBJ4B Datasheet HTML 5Page - Formosa MS GBJ4B Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (GBJ4A THRU GBJ4M)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.1-OUTPUT RECTIFIED CURRENT
DERATING CURVE
CASE TEMPERATURE
, (C)
°
FIG. 2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
Document ID
Issued Date
Revised Date
Revision
Page.
FIG. 3 - TYPICAL INSTANTANEOUR FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
REVERSE VOLTAGE, VR (VOLTS)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
DS-242126
2008/02/10
2013/06/10
C
6
°C
°C
°C
°C
°C
°C
25°
25 C
°


Similar Part No. - GBJ4B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ4B PANJIT-GBJ4B Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Won-Top Electronics
GBJ4B WTE-GBJ4B Datasheet
61Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ4B PANJIT-GBJ4B Datasheet
78Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ4B SECOS-GBJ4B Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
logo
Shanghai Shunye Electro...
GBJ4B SY-GBJ4B Datasheet
1Mb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ4B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com