Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ8A Datasheet(PDF) 2 Page - Formosa MS

Part # GBJ8A
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GBJ8A Datasheet(HTML) 2 Page - Formosa MS

  GBJ8A Datasheet HTML 1Page - Formosa MS GBJ8A Datasheet HTML 2Page - Formosa MS GBJ8A Datasheet HTML 3Page - Formosa MS GBJ8A Datasheet HTML 4Page - Formosa MS GBJ8A Datasheet HTML 5Page - Formosa MS GBJ8A Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
GBJ8A
GBJ8B
GBJ8D
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@IF=4.0A
V
F
(V)
*4
GBJ8G
GBJ8J
400
600
280
420
-55 to +150
GBJ8K
GBJ8M
800
1000
560
700
50
100
200
400
600
800
1000
1.10
Bridge Rectifier
Formosa MS
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
GBJ8A THRU GBJ8M
Document ID
Issued Date
Revised Date
Revision
Page.
8.0A Glass Passivated Single
Phase Bridge Rectifiers - 50 - 1000V
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
• UL recognized file # E321971
Suffix "-H" indicates Halogen free parts, ex. GBJ8A-H.
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, GBJ
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : marked on body
Mounting Position : Any
Weight : Approximated 7.00 gram
Package outline
Features
Mechanical data
PARAMETER
CONDITIONS
Maximum average forward
rectified current
Forward surge current
Reverse current
Rating for fusing
@T =100°C
C
with heatsink Note 1
without heatsink
8.3ms single half sine-wave (JEDEC methode)
SYMBOL
MIN.
TYP.
MAX.
UNIT
I
F(AV)
I
FSM
I
R
It
2
A
A
μA
As
2
8.0
2.9
200
10.0
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
500
Typical thermal resistance
Storage temperature
T
STG
OC
+175
-65
t < 8.3 ms
Typical Junction capacitance
Per Element
C
J
pF
166
1.8
55
R
θJC
OC/W
Note: 1.Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
Measured at 1.0MHz and applied reverse voltage
of 4.0V DC
Junction to case
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Dimensions in inches and (millimeters)
GBJ
.118
DS-242147
2009/08/10
2014/12/29
D
6


Similar Part No. - GBJ8A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ8A PANJIT-GBJ8A Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Won-Top Electronics
GBJ8A WTE-GBJ8A Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ8A PANJIT-GBJ8A Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ8A SECOS-GBJ8A Datasheet
213Kb / 2P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
logo
GOOD-ARK Electronics
GBJ8A GOOD-ARK-GBJ8A Datasheet
135Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBJ8A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com