Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA102DGNR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA102DGNR
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA102DGNR Datasheet(HTML) 3 Page - Texas Instruments

  TPA102DGNR Datasheet HTML 1Page - Texas Instruments TPA102DGNR Datasheet HTML 2Page - Texas Instruments TPA102DGNR Datasheet HTML 3Page - Texas Instruments TPA102DGNR Datasheet HTML 4Page - Texas Instruments TPA102DGNR Datasheet HTML 5Page - Texas Instruments TPA102DGNR Datasheet HTML 6Page - Texas Instruments TPA102DGNR Datasheet HTML 7Page - Texas Instruments TPA102DGNR Datasheet HTML 8Page - Texas Instruments TPA102DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
AC OPERATING CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
TPA102
SLOS213D – AUGUST 1998 – REVISED SEPTEMBER 2004
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
TA
Operating free-air temperature
-40
85
°C
VIH
High-level input voltage (SHUTDOWN)
0.80
× V
DD
V
VIL
Low-level input voltage (SHUTDOWN)
0.25
× V
DD
V
at T
A = 25°C, VDD = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured between output and BYPASS terminal)
Av = 2 V/V
10
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
83
dB
IDD
Supply current
SHUTDOWN = 0 V
1.5
3
mA
IDD(SD)
Supply current in SHUTDOWN mode
SHUTDOWN = VDD
10
50
µA
ZI
Input impedance
>1
M
V
DD = 3.3 V, TA = 25°C, RL = 8Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
70(1)
mW
THD+N
Total harmonic distortion + noise
PO = 70 mW, 20–20 kHz
2%
BOM
Maximum output power BW
G = 10, THD <5%
>20
kHz
Phase margin
Open loop
58
°
Supply ripple rejection ratio
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
86
dB
SNR
Signal-to-noise ratio
PO = 100 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
(1)
Measured at 1kHz
at T
A = 25°C, VDD = 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage
Av = 2 V/V
10
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
76
dB
IDD
Supply current
SHUTDOWN = 0 V
1.5
3
mA
IDD(SD)
Supply current in SHUTDOWN mode
SHUTDOWN = VDD
60
100
µA
|IIH|
High-level input current (SHUTDOWN)
VDD = 5.5 V, VI = VDD
1
µA
|IIL|
Low-level input current (SHUTDOWN)
VDD = 5.5 V, VI = 0 V
1
µA
ZI
Input impedance
>1
M
3


Similar Part No. - TPA102DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA102DGN TI-TPA102DGN Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA102DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com