Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL2G Datasheet(PDF) 2 Page - Formosa MS

Part # GBL2G
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GBL2G Datasheet(HTML) 2 Page - Formosa MS

  GBL2G Datasheet HTML 1Page - Formosa MS GBL2G Datasheet HTML 2Page - Formosa MS GBL2G Datasheet HTML 3Page - Formosa MS GBL2G Datasheet HTML 4Page - Formosa MS GBL2G Datasheet HTML 5Page - Formosa MS GBL2G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2.0A Glass Passivated
Single-Phase Bridge
Rectifiers-50-1000V
Features
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Lead-free parts meet RoHS requirments.
UL recognized file # E321971
Suffix "-H" indicates Halogen-free part, ex.GBL2A-H.
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, GBL
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : marked on body
Mounting Position : Any
Weight : Approximated 2.00 gram
Package outline
Page 2
GBL2A
GBL2B
GBL2D
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
p
@I =2.0A
F
er bridge element
V
F
(V)
*4
GBL2G
GBL2J
400
600
280
420
-55 to +150
GBL2K
GBL2M
800
1000
560
700
50
100
200
400
600
800
1000
1.10
Bridge Rectifier
Formosa MS
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Forward rectified current
Document ID
Issued Date
Revised Date
Revision
Page.
GBL2A THRU GBL2M
Dimensions in inches and (millimeters)
GBL
.015(0.38)
.020(0.51)
.035(0.9)
.043(1.1)
.44(11.2)
.42(10.7)
.50(12.7)
.56(14.2)
.035(0.90)
.045(1.14)
.77(19.6)
.81(20.6)
.106(2.7)
.091(2.3)
.059(1.5)
.051(1.3)
.142(3.6)
.133(3.4)
.190
.210
(4.8)
(5.3)
.098(2.5)
*45°
Chamfer
+
~
~
.190
.210
(4.8)
(5.3)
.190
.210
(4.8)
(5.3)
DS-242169
2010/12/01
2013/06/10
B
6
PARAMETER
CONDITIONS
Forward surge current
Reverse current
Rating for fusing
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
SYMBOL
MIN.
TYP.
MAX.
UNIT
I
F(AV)
I
FSM
I
R
2
I t
A
A
µA
2
A s
2.0
60
10.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
1000
Storage temperature
T
STG
OC
+175
-65
t < 8.3 ms
15
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
See Fig.1


Similar Part No. - GBL2G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBL2G GOOD-ARK-GBL2G Datasheet
129Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
First Silicon Co., Ltd
GBL2G FS-GBL2G Datasheet
195Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results

Similar Description - GBL2G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com