Selected language     English  ▼


LMV1032-06 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMV1032-06
Description  Amplifiers for 3 Wire Analog Electret Microphones
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 3 page
background image
1.7V and 5V Electrical Characteristics (Note 3) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C and VDD = 1.7V and 5V. Boldface limits apply at the tempera-
ture extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
THD
Total Harmonic Distortion
f=1kHz
V
IN =18mVPP
LMV1032-06
0.11
%
LMV1032-15
0.13
LMV1032-25
0.35
C
IN
Input Capacitance
2pF
Z
IN
Input Impedance
>100
M
A
V
Gain
f=1kHz
V
IN =18mVPP
LMV1032-06
5.5
4.5
6.2
6.7
7.7
dB
LMV1032-15
14.8
14
15.4
16
17
LMV1032-25
24.8
24
25.5
26.2
27
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model (HBM) is 1.5 k
Ω in series with 100 pF.
Note 3: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 4: All limits are guaranteed by design or statistical analysis.
Note 5: Typical values represent the most likely parametric norm.
Note 6: The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
www.national.com
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA3028ADifferential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz 1 2 3 4 5 MoreHarris Corporation
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING 1 2 3 4 5 MoreNEC
AD9985A110 MSPS/140 MSPS Analog Interface for Flat Panel Displays 1 2 3 4 5 MoreAnalog Devices
PI3A46263.0V SOTiny Single-Supply 0.4ohm SPST NO CMOS Analog Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
DG2017Low-Voltage Low ON Dual DPDT Analog Switch 1 2 3 4 5 MoreVishay Siliconix
TC5093AP8 BIT ANALOG TO DIGITAL CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
FTR-P3COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
DL126TRSTape & Reel and Packaging Specifications for Small-Signal Transistors FETs and Diodes 1 2 3 4 5 MoreON Semiconductor
NZL5V6ATT1SC75 Dual Common Anode Zener for ESD Protection 1 2 3 4 ON Semiconductor
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl