Selected language     English  ▼


LMV1032-06 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMV1032-06
Description  Amplifiers for 3 Wire Analog Electret Microphones
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 1 page
background image
LMV1032-06/LMV1032-15/LMV1032-25
Amplifiers for 3 Wire Analog Electret Microphones
General Description
The LMV1032 is an audio amplifier series for small form
factor electret microphones. It is designed to replace the
JFET preamp currently being used. The LMV1032 series is
ideal for extended battery life applications, such as a blue-
tooth communication link. The addition of a third pin in
electret microphones that incorporate the LMV1032 allows
for a dramatic reduction in supply current as compared to the
JFET equipped electret microphone. Microphone supply cur-
rent is thus reduced to 60 µA, assuring longer battery life.
The LMV1032 series is guaranteed for supply voltages from
1.7V to 5V, and has fixed voltage gains of 6 dB, 15 dB and 25
dB.
The LMV1032 series offers low output impedance over the
voice bandwidth, excellent power supply rejection (PSRR),
and stability over temperature.
The devices are offered in space saving 4-bump ultra thin
micro SMD (TM) lead free package and are thus ideally
suited for the form factor of miniature electret microphone
packages.
Features
(Typical LMV1032-06, 1.7V Supply; Unless Otherwise
Noted)
n
Output voltage noise (A-weighted)
−97 dBV
n
Low supply current
60 µA
n
Supply voltage
1.7V to 5V
n
PSRR
84 dB
n
Signal to noise ratio
58 dB
n
Input capacitance
2 pF
n
Input impedance
>100 M
n
Output impedance
<200
n
Max input signal
300 mV
PP
n
Temperature range
−40˚C to 85˚C
n
Offered in 1.13 x 1.13 x 0.4mm Ultra Thin micro SMD
lead free (NOPB) package
Applications
n
Mobile communications - Bluetooth
n
Automotive accessories
n
Cellular phones
n
PDAs
n
Accessory microphone products
Block Diagram
20084201
Electret Microphone
20084202
March 2005
© 2005 National Semiconductor Corporation
DS200842
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA3028ADifferential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz 1 2 3 4 5 MoreHarris Corporation
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING 1 2 3 4 5 MoreNEC
AD9985A110 MSPS/140 MSPS Analog Interface for Flat Panel Displays 1 2 3 4 5 MoreAnalog Devices
PI3A46263.0V SOTiny Single-Supply 0.4ohm SPST NO CMOS Analog Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
DG2017Low-Voltage Low ON Dual DPDT Analog Switch 1 2 3 4 5 MoreVishay Siliconix
TC5093AP8 BIT ANALOG TO DIGITAL CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
FTR-P3COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
DL126TRSTape & Reel and Packaging Specifications for Small-Signal Transistors FETs and Diodes 1 2 3 4 5 MoreON Semiconductor
NZL5V6ATT1SC75 Dual Common Anode Zener for ESD Protection 1 2 3 4 ON Semiconductor
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl