Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0172PWPG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA0172PWPG4
Description  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0172PWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPA0172PWPG4 Datasheet HTML 1Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 2Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bus voltage, I2CVDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
−0.3 V to VDD 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
Internally Limited (see Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W‡
21.8 mW/
°C
1.7 W
1.4 W
‡ See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(literature number SLMA002), for more information on the PowerPAD
 package. The thermal data was
measured on a PCB layout based on the information in the section entitled Texas Instruments Recommended
Board for PowerPAD
 on page 33 of the before mentioned document.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
4.5
5.5
V
Bus voltage, I2CVDD (see Note1)
3
5.5
V
SE/BTL
4
High-level input voltage, VIH
SHUTDOWN
2
V
High-level input voltage, VIH
ADDRESS0, ADDRESS1
3.5
V
SDA, SCL
0.7 I2CVDD
SE/BTL
3
Low-level input voltage, VIL
SHUTDOWN
0.8
V
Low-level input voltage, VIL
ADDRESS0, ADDRESS1
0.8
V
SDA, SCL
0.3 I2CVDD
Operating free-air temperature, TA
−40
85
°C
NOTE 1: I2CVDD must be less than or equal to VDD.


Similar Part No. - TPA0172PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0172PWP TI-TPA0172PWP Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results

Similar Description - TPA0172PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com