Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA721 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA721 Datasheet(HTML) 5 Page - Texas Instruments

  TPA721_16 Datasheet HTML 1Page - Texas Instruments TPA721_16 Datasheet HTML 2Page - Texas Instruments TPA721_16 Datasheet HTML 3Page - Texas Instruments TPA721_16 Datasheet HTML 4Page - Texas Instruments TPA721_16 Datasheet HTML 5Page - Texas Instruments TPA721_16 Datasheet HTML 6Page - Texas Instruments TPA721_16 Datasheet HTML 7Page - Texas Instruments TPA721_16 Datasheet HTML 8Page - Texas Instruments TPA721_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−50
−60
−80
−100
20
100
1k
−30
−20
f − Frequency − Hz
0
10k
20k
−10
−40
−70
−90
VDD = 5 V
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
BTL
VDD − Supply Voltage − V
1.8
0.8
0.6
1
3
4
5.5
5
2.5
3.5
4.5
1.6
1.2
1.4
SHUTDOWN = 0 V
RF = 10 k
TPA721
SLOS231E – NOVEMBER 1998 – REVISED JUNE 2004
Table of Graphs
FIGURE
kSVR
Supply ripple rejection ratio
vs Frequency
2
IDD
Supply current
vs Supply voltage
3, 4
vs Supply voltage
5
PO
Output power
vs Load resistance
6
vs Frequency
7, 8, 11, 12
THD+N
Total harmonic distortion plus noise
vs Output power
9, 10, 13, 14
Open-loop gain and phase
vs Frequency
15, 16
Closed-loop gain and phase
vs Frequency
17, 18
Vn
Output noise voltage
vs Frequency
19, 20
PD
Power dissipation
vs Output power
21, 22
SUPPLY RIPPLE REJECTION RATIO
SUPPLY CURRENT
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 2.
Figure 3.
5


Similar Part No. - TPA721_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA721_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com