Electronic Components Datasheet Search |
|
MAX3535E Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX3535E Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 25 page +3V to +5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection 6 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS (MXL1535E) (VCC1 = +4.5V to +5.5V, VCC2 = +4.5V to +7.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC1 = +5V, VCC2 = +5V, TA = +25°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Logic-Side Supply Voltage VCC1 4.5 5.5 V Isolated-Side Supply Voltage VCC2 4.5 7.5 V Logic-Side Supply Current ICC1 Transformer not driven, ST1 and ST2 unconnected, RE = low, DE = high, fDATA = 0, RO1 = no load 5.9 13 mA RL = 27 Ω 56 70 Isolated-Side Supply Current ICC2 fDATA = 0, SLO floating, RO2 = no load, A, B floating, Figure 1 RL = ∞ 10 16 mA RL = 50 Ω (RS-422), VCC2 = +4.5V, Figure 1 2.0 3.0 Differential Driver Output VOD RL = 27 Ω (RS-485), VCC2 = +4.5V, Figure 1 1.5 2.5 V Driver Output High Voltage VDOH No load, VDOH is measured with respect to GND2 5.0 V Driver Common-Mode Output Voltage VOC RL = 27 Ω or 50Ω, VOC is measured with respect to GND2, Figure 1 1.0 3.0 V Change in Magnitude of Driver Differential Output Voltage for Complementary Output States ∆VOD RL = 27 Ω or 50Ω, Figure 1 ±0.2 V Change in Magnitude of Driver Common-Mode Output Voltage for Complementary Output States ∆VOC RL = 27 Ω or 50Ω, Figure 1 ±0.2 V Driver enabled (DE =1) DI = high, VY > -7V DI = low, VZ > -7V -250 Driver Short-Circuit Output Current IOSD Driver enabled (DE =1) DI = high, VZ < +12V DI = low, VY < + 12V +250 mA Driver enabled (DE =1) DI = high -7V < VY < min[(VCC2 - 1V) +2V] DI = low -7V < VZ < min[(VCC2 - 1V) +2V] -25 Driver Short-Circuit Foldback Output Current IOSFD Driver enabled (DE =1) DI = high +1V < VZ < +12V DI = low +1V < VY < +12V +25 mA |
Similar Part No. - MAX3535E |
|
Similar Description - MAX3535E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |