Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA721DG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA721DG4
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA721DG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA721DG4 Datasheet HTML 4Page - Texas Instruments TPA721DG4 Datasheet HTML 5Page - Texas Instruments TPA721DG4 Datasheet HTML 6Page - Texas Instruments TPA721DG4 Datasheet HTML 7Page - Texas Instruments TPA721DG4 Datasheet HTML 8Page - Texas Instruments TPA721DG4 Datasheet HTML 9Page - Texas Instruments TPA721DG4 Datasheet HTML 10Page - Texas Instruments TPA721DG4 Datasheet HTML 11Page - Texas Instruments TPA721DG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
f − Frequency − Hz
PO = 700 mW
VDD = 5 V
RL = 8 Ω
AV = −2 V/V
BTL
20
1k
10k
1
0.01
10
0.1
20k
100
PO = 50 mW
PO = 350 mW
PO − Output Power − W
0.1
0.2
1
0.4
0.5
0.7
0.8
RL = 8 Ω
VDD = 5 V
f = 1 kHz
AV = −2 V/V
BTL
1
0.01
10
0.1
0.3
0.6
0.9
PO − Output Power − W
f = 20 Hz
VDD = 5 V
RL = 8 Ω
CB = 1 µF
AV = −2 V/V
BTL
0.01
0.1
1
1
0.01
10
0.1
f = 1 kHz
f = 10 kHz
f = 20 kHz
TPA721
SLOS231E – NOVEMBER 1998 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 12.
Figure 13.
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
Figure 14.
8


Similar Part No. - TPA721DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA721DGN TI-TPA721DGN Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721DGN TI-TPA721DGN Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721DGNG4 TI-TPA721DGNG4 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721DGNR TI-TPA721DGNR Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721DGNRG4 TI-TPA721DGNRG4 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA721DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com