Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA721DGNG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA721DGNG4
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA721DGNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA721DGNG4 Datasheet HTML 5Page - Texas Instruments TPA721DGNG4 Datasheet HTML 6Page - Texas Instruments TPA721DGNG4 Datasheet HTML 7Page - Texas Instruments TPA721DGNG4 Datasheet HTML 8Page - Texas Instruments TPA721DGNG4 Datasheet HTML 9Page - Texas Instruments TPA721DGNG4 Datasheet HTML 10Page - Texas Instruments TPA721DGNG4 Datasheet HTML 11Page - Texas Instruments TPA721DGNG4 Datasheet HTML 12Page - Texas Instruments TPA721DGNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
10
0
−20
−30
20
30
f − Frequency − kHz
80
−10
180
°
−180
°
Phase
60
°
−60
°
1
101
102
103
104
50
40
60
70
140
°
100
°
20
°
−20
°
−100
°
−140
°
VDD = 3.3 V
RL = Open
BTL
Gain
10
0
−20
−30
1
20
30
f − Frequency − kHz
80
−10
Gain
Phase
101
102
103
104
50
40
60
70
VDD = 5 V
RL = Open
BTL
180
°
−180
°
60
°
−60
°
140
°
100
°
20
°
−20
°
−100
°
−140
°
TPA721
SLOS231E – NOVEMBER 1998 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 15.
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 16.
9


Similar Part No. - TPA721DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA721DGNG4 TI-TPA721DGNG4 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA721DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com