Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6102A2DGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6102A2DGKR
Description  50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6102A2DGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6102A2DGKR Datasheet HTML 5Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 6Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 7Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 8Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 9Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 10Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 11Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 12Page - Texas Instruments TPA6102A2DGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPA6102A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
SLOS324B − JUNE 2000 − REVISED SEPTEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
10
20 k
100
1 k
10 k
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
VDD = 1.6 V
CB = 1 µF
RL = 32 Ω
Figure 18
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
10
20 k
100
1 k
10 k
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
VDD = 3.3 V
CB = 1 µF
RL = 32 Ω
Figure 19
1
100
10
20
20 k
100
1 k
10 k
f − Frequency − Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
VDD = 1.6 V
CB = 1 µF
RL = 16 Ω
Figure 20
1
100
10
20
20 k
100
1 k
10 k
f − Frequency − Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
VDD = 3.3 V
CB = 1 µF
RL = 16 Ω


Similar Part No. - TPA6102A2DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6102A2DGKR TI-TPA6102A2DGKR Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DGKRG4 TI-TPA6102A2DGKRG4 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6102A2DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com