Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS161B Datasheet(PDF) 10 Page - Texas Instruments

Part # SN54ALS161B
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS161B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54ALS161B_15 Datasheet HTML 6Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 7Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 8Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 9Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 10Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 11Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 12Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 13Page - Texas Instruments SN54ALS161B_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS276A – DECEMBER 1994 – REVISED JULY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figure 1)
SN54AS161
SN54AS163
SN74AS161
SN74AS163
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
65
75
MHz
t
Pulse duration
CLR high or low
7.7
6.7
ns
tw
Pulse duration
’AS161
CLR low
10
8
ns
A, B, C, D
10
8
LOAD
10
8
t
Setup time before CLK
ENP, ENT
10
8
ns
tsu
Setup time, before CLK
’AS161
CLR inactive
10
8
ns
’AS163
CLR low
14
12
’AS163
CLR high (inactive)
10
9
th
Hold time, all synchronous inputs after CLK
2
0
ns
switching characteristics over recommended operating conditions (see Figure 1)
PARAMETER
FROM
TO
SN54AS161
SN74AS161
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
65*
75
MHz
tPLH
CLK
RCO (with LOAD high)
1
8.5
1
8
ns
tPLH
CLK
RCO (with LOAD low)
3
17.5
3
16.5
ns
tPHL
CLK
RCO
2
14
2
12.5
ns
tPLH
CLK
Any Q
1
7.5
1
7
ns
tPHL
CLK
Any Q
2
14
2
13
ns
tPLH
ENT
RCO
1.5
10
1.5
9
ns
tPHL
ENT
RCO
1
9.5
1
8.5
ns
tPHL
CLR
Any Q
2
14
2
13
ns
tPHL
CLR
RCO
2
14
2
12.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating conditions (see Figure 1)
PARAMETER
FROM
TO
SN54AS163
SN74AS163
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
65*
75
MHz
tPLH
CLK
RCO (with LOAD high)
1
8.5
1
8
ns
tPLH
CLK
RCO (with LOAD low)
3
17.5
3
16.5
ns
tPHL
CLK
RCO
2
14
2
12.5
ns
tPLH
CLK
Any Q
1
7.5
1
7
ns
tPHL
CLK
Any Q
2
14
2
13
ns
tPLH
ENT
RCO
1.5
10
1.5
9
ns
tPHL
ENT
RCO
1
9.5
1
8.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.


Similar Part No. - SN54ALS161B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS161BFK TI-SN54ALS161BFK Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161BJ TI-SN54ALS161BJ Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161BJ TI-SN54ALS161BJ Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results

Similar Description - SN54ALS161B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com