Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S520 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S520
Description  TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S520 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD12S520 Datasheet HTML 2Page - Texas Instruments TPD12S520 Datasheet HTML 3Page - Texas Instruments TPD12S520 Datasheet HTML 4Page - Texas Instruments TPD12S520 Datasheet HTML 5Page - Texas Instruments TPD12S520 Datasheet HTML 6Page - Texas Instruments TPD12S520 Datasheet HTML 7Page - Texas Instruments TPD12S520 Datasheet HTML 8Page - Texas Instruments TPD12S520 Datasheet HTML 9Page - Texas Instruments TPD12S520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
±33
±30
±27
±24
±21
±18
±15
±12
±9
±6
±3
0
3
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
Frequency (Hz)
C004
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Bias Voltage (V)
C005
0
50
100
150
200
250
300
350
400
450
500
-50
-35
-20
-5
10
25
40
55
70
85
Temperature (
SC)
C007
±10
0
10
20
30
40
50
60
70
80
90
±15
0
15
30
45
60
75
90
105
120
135
150
165
180
Time (nS)
C001
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
10
-15
0
15
30
45
60
75
90
105
120
135
150
165
180
Time (nS)
C002
TPD12S520
SLVS640F – OCTOBER 2007 – REVISED FEBRUARY 2015
www.ti.com
6.6 Typical Characteristics
Figure 1. TPD12S520RMN IEC Clamping Waveforms +8kV
Figure 2. TPD12S520RMN IEC Clamping Waveforms -8kV
Contact
Contact
Figure 3. ILEAK vs. Temperature VIN = 5.0V
Figure 4. Capacitance vs. VBIAS
Figure 5. Insertion Loss Performance Across Frequency
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S520


Similar Part No. - TPD12S520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
More results

Similar Description - TPD12S520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com