Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS1002A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54ALS1002A
Description  QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS1002A Datasheet(HTML) 3 Page - Texas Instruments

  SN54ALS1002A_15 Datasheet HTML 1Page - Texas Instruments SN54ALS1002A_15 Datasheet HTML 2Page - Texas Instruments SN54ALS1002A_15 Datasheet HTML 3Page - Texas Instruments SN54ALS1002A_15 Datasheet HTML 4Page - Texas Instruments SN54ALS1002A_15 Datasheet HTML 5Page - Texas Instruments SN54ALS1002A_15 Datasheet HTML 6Page - Texas Instruments SN54ALS1002A_15 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
JM38510/38402BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
38402BCA
M38510/38402BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
38402BCA
M38510/38402BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
38402BCA
SN74ALS1002AN
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74ALS1002AN
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SN54ALS1002A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1002AFK TI-SN54ALS1002AFK Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS1002AJ TI-SN54ALS1002AJ Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS1002A TI-SN54ALS1002A_07 Datasheet
250Kb / 7P
[Old version datasheet]   QUADRYPLE 2-INPUT POSITIVE-NOR BUFFERS
More results

Similar Description - SN54ALS1002A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5428 TI-SN5428 Datasheet
152Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS1002A TI-SN54ALS1002A Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS28A TI-SN54ALS28A Datasheet
45Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN7428J TI-SN7428J Datasheet
425Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN5433 TI-SN5433 Datasheet
206Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5433 TI1-SN5433_12 Datasheet
502Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SNJ5433 TI-SNJ5433 Datasheet
214Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS33A TI1-SN54ALS33A_15 Datasheet
280Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS33A TI-SN54ALS33A Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com