Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS138D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS138D
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS138D Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS138D Datasheet HTML 1Page - Texas Instruments SN74AS138D Datasheet HTML 2Page - Texas Instruments SN74AS138D Datasheet HTML 3Page - Texas Instruments SN74AS138D Datasheet HTML 4Page - Texas Instruments SN74AS138D Datasheet HTML 5Page - Texas Instruments SN74AS138D Datasheet HTML 6Page - Texas Instruments SN74AS138D Datasheet HTML 7Page - Texas Instruments SN74AS138D Datasheet HTML 8Page - Texas Instruments SN74AS138D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ALS138A, SN54AS138, SN74ALS138A, SN74AS138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SDAS055E – APRIL 1982 – REVISED JULY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed Specifically for High-Speed
Memory Decoders and Data Transmission
Systems
D Incorporate Three Enable Inputs to Simplify
Cascading and /or Data Reception
D Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
The
′ALS138A and ′AS138 are 3-line to 8-line
decoders/demultiplexers
designed
for
high-
performance memory-decoding or data-routing
applications requiring very short propagation
delay times. In high-performance systems, these
devices can be used to minimize the effects of
system
decoding.
When
employed
with
high-speed memories with a fast enable circuit,
the delay times of the decoder and the enable time
of the memory are usually less than the typical
access time of the memory. The effective system
delay introduced by the Schottky-clamped system
decoder is negligible.
The conditions at the binary-select (A, B, and C)
inputs and the three enable (G1, G2A, and G2B)
inputs select one of eight output lines. Two
active-low and one active-high enable inputs
reduce the need for external gates or inverters when expanding. A 24-line decoder can be implemented without
external inverters and a 32-line decoder requires only one inverter. An enable input can be used as a data input
for demultiplexing applications.
The SN54ALS138A and SN54AS138 are characterized for operation over the full military temperature range
of – 55
°C to 125°C. The SN74ALS138A and SN74AS138 are characterized for operation from 0°C to 70°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
SN54ALS138A, SN54AS138 ...J PACKAGE
SN74ALS138A, SN74AS138 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54ALS138A, SN54AS138 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74AS138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS138D TI-SN74AS138D Datasheet
525Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AS138D TI-SN74AS138D Datasheet
685Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AS138DE4 TI-SN74AS138DE4 Datasheet
525Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AS138DE4 TI-SN74AS138DE4 Datasheet
685Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AS138DG4 TI-SN74AS138DG4 Datasheet
685Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74AS138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com