Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC27 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC27
Description  TRIPLE 3-INPUT POSITIVE-NOR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HC27 Datasheet(HTML) 1 Page - Texas Instruments

  HC27 Datasheet HTML 1Page - Texas Instruments HC27 Datasheet HTML 2Page - Texas Instruments HC27 Datasheet HTML 3Page - Texas Instruments HC27 Datasheet HTML 4Page - Texas Instruments HC27 Datasheet HTML 5Page - Texas Instruments HC27 Datasheet HTML 6Page - Texas Instruments HC27 Datasheet HTML 7Page - Texas Instruments HC27 Datasheet HTML 8Page - Texas Instruments HC27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC27, SN74HC27
TRIPLE 3-INPUT POSITIVE-NOR GATES
SCLS088D – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 9 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
SN54HC27 ...J OR W PACKAGE
SN74HC27 . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
SN54HC27 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The ’HC27 devices contain three independent 3-input NOR gates. They perform the Boolean function
Y = A + B + C or Y = A
• B • C in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC27N
SN74HC27N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC27D
HC27
–40
°C to 85°C
SOIC – D
Reel of 2500
SN74HC27DR
HC27
–40
°C to 85°C
Reel of 250
SN74HC27DT
SOP – NS
Reel of 2000
SN74HC27NSR
HC27
SSOP – DB
Reel of 2000
SN74HC27DBR
HC27
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC27J
SNJ54HC27J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC27W
SNJ54HC27W
LCCC – FK
Tube of 55
SNJ54HC27FK
SNJ54HC27FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
OUTPUT
Y
H
X
X
L
X
HX
L
X
XH
L
L
L
L
H
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC27 TI-HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
HC2700JLCC APITECH-HC2700JLCC Datasheet
71Kb / 2P
   Carrier Precision Voltage References JEDEC- Compatible
HC2700LLCC APITECH-HC2700LLCC Datasheet
71Kb / 2P
   Carrier Precision Voltage References JEDEC- Compatible
HC2700SLCC APITECH-HC2700SLCC Datasheet
71Kb / 2P
   Carrier Precision Voltage References JEDEC- Compatible
More results

Similar Description - HC27

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS27 HITACHI-HD74LS27 Datasheet
44Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LS27 RENESAS-HD74LS27 Datasheet
56Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54ALS27A TI1-SN54ALS27A_15 Datasheet
812Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
54AC11027 TI1-54AC11027_09 Datasheet
83Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com