Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS181 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN54LS181
Description  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS181 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LS181_15 Datasheet HTML 7Page - Texas Instruments SN54LS181_15 Datasheet HTML 8Page - Texas Instruments SN54LS181_15 Datasheet HTML 9Page - Texas Instruments SN54LS181_15 Datasheet HTML 10Page - Texas Instruments SN54LS181_15 Datasheet HTML 11Page - Texas Instruments SN54LS181_15 Datasheet HTML 12Page - Texas Instruments SN54LS181_15 Datasheet HTML 13Page - Texas Instruments SN54LS181_15 Datasheet HTML 14Page - Texas Instruments SN54LS181_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
JM38510/07801BJA
ACTIVE
CDIP
J
24
1
TBD
Call TI
N / A for Pkg Type
-55 to 125
JM38510/
07801BJA
M38510/07801BJA
ACTIVE
CDIP
J
24
1
TBD
Call TI
N / A for Pkg Type
-55 to 125
JM38510/
07801BJA
SN54LS181J
ACTIVE
CDIP
J
24
1
TBD
Call TI
N / A for Pkg Type
-55 to 125
SN54LS181J
SN54S181J
ACTIVE
CDIP
J
24
1
TBD
Call TI
N / A for Pkg Type
-55 to 125
SN54S181J
SN74LS181N3
OBSOLETE
PDIP
N
24
TBD
Call TI
Call TI
0 to 70
SN74S181J
OBSOLETE
CDIP
J
24
TBD
Call TI
Call TI
0 to 70
SN74S181N
OBSOLETE
PDIP
N
24
TBD
Call TI
Call TI
0 to 70
SN74S181N3
OBSOLETE
PDIP
N
24
TBD
Call TI
Call TI
0 to 70
SNJ54LS181J
ACTIVE
CDIP
J
24
1
TBD
Call TI
N / A for Pkg Type
-55 to 125
SNJ54LS181J
SNJ54S181J
ACTIVE
CDIP
J
24
1
TBD
Call TI
N / A for Pkg Type
-55 to 125
SNJ54S181J
SNJ54S181W
ACTIVE
CFP
W
24
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S181W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Similar Part No. - SN54LS181_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS181FK TI-SN54LS181FK Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
Motorola, Inc
SN54LS181J MOTOROLA-SN54LS181J Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Texas Instruments
SN54LS181J TI-SN54LS181J Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181W TI-SN54LS181W Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results

Similar Description - SN54LS181_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
MM54HC181 NSC-MM54HC181 Datasheet
158Kb / 10P
   Arithmetic Logic Units/Function Generators
logo
Texas Instruments
SN54AS181B TI1-SN54AS181B_14 Datasheet
349Kb / 17P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com