Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F521N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F521N
Description  8-BIT IDENTITY COMPARATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F521N Datasheet(HTML) 1 Page - Texas Instruments

  SN74F521N Datasheet HTML 1Page - Texas Instruments SN74F521N Datasheet HTML 2Page - Texas Instruments SN74F521N Datasheet HTML 3Page - Texas Instruments SN74F521N Datasheet HTML 4Page - Texas Instruments SN74F521N Datasheet HTML 5Page - Texas Instruments SN74F521N Datasheet HTML 6Page - Texas Instruments SN74F521N Datasheet HTML 7Page - Texas Instruments SN74F521N Datasheet HTML 8Page - Texas Instruments SN74F521N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54F521, SN74F521
8BIT IDENTITY COMPARATORS
SDFS091 − MARCH 1987 − REVISED OCTOBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Compares Two 8-Bit Words
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These identity comparators perform comparisons
on two 8-bit binary or BCD words. They provide
P = Q outputs.
The SN54F521 is characterized for operation over
the full military temperature range of − 55
°C to
125
°C. The SN74F521 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
P, Q
OE
OUTPUT
P = Q
P = Q
L
L
P
≠ Q
XH
X
H
H
logic symbol
COMP
0
2
P0
4
P1
6
P2
8
P3
1
19
1P = Q
11
P4
13
P5
15
P6
7
17
P7
0
3
Q0
5
Q1
7
Q2
9
Q3
12
Q4
14
Q5
16
Q6
7
18
Q7
P
Q
OE
P = Q
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
P0
Q0
P1
Q1
P2
Q2
P3
Q3
GND
VCC
P = Q
Q7
P7
Q6
P6
Q5
P5
Q4
P4
SN54F521 ...J PACKAGE
SN74F521 . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Q7
P7
Q6
P6
Q5
P1
Q1
P2
Q2
P3
SN54F521 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F521N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F521N TI-SN74F521N Datasheet
73Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74F521N TI-SN74F521N Datasheet
464Kb / 13P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74F521N TI-SN74F521N Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74F521N3 TI-SN74F521N3 Datasheet
464Kb / 13P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74F521N3 TI-SN74F521N3 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Similar Description - SN74F521N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_07 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
74ACT11520 TI1-74ACT11520 Datasheet
105Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com