Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8407401RA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 8407401RA
Description  OCTAL BUFFERS AND LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

8407401RA Datasheet(HTML) 4 Page - Texas Instruments

  8407401RA Datasheet HTML 1Page - Texas Instruments 8407401RA Datasheet HTML 2Page - Texas Instruments 8407401RA Datasheet HTML 3Page - Texas Instruments 8407401RA Datasheet HTML 4Page - Texas Instruments 8407401RA Datasheet HTML 5Page - Texas Instruments 8407401RA Datasheet HTML 6Page - Texas Instruments 8407401RA Datasheet HTML 7Page - Texas Instruments 8407401RA Datasheet HTML 8Page - Texas Instruments 8407401RA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN54HC240, SN74HC240
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS128D − DECEMBER 1982 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC240
SN74HC240
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
50
100
150
125
tpd
A
Y
4.5 V
10
20
30
25
ns
tpd
A
Y
6 V
9
17
25
21
ns
2 V
75
150
225
190
ten
OE
Y
4.5 V
15
30
45
38
ns
ten
OE
Y
6 V
13
26
38
32
ns
2 V
44
150
225
190
tdis
OE
Y
4.5 V
22
30
45
38
ns
tdis
OE
Y
6 V
21
26
38
32
ns
2 V
28
60
90
75
tt
Y
4.5 V
8
12
18
15
ns
tt
Y
6 V
6
10
15
13
ns
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC240
SN74HC240
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
75
150
225
190
tpd
A
Y
4.5 V
15
30
45
38
ns
tpd
A
Y
6 V
13
26
38
32
ns
2 V
100
200
300
250
ten
OE
Y
4.5 V
20
40
60
50
ns
ten
OE
Y
6 V
17
34
51
43
ns
2 V
45
210
315
265
tt
Y
4.5 V
17
42
63
53
ns
tt
Y
6 V
13
36
53
45
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
No load
35
pF


Similar Part No. - 8407401RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8407401RA TI-8407401RA Datasheet
491Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 8407401RA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54HCT541 TI1-SN54HCT541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HCT541 TI-SN54HCT541_06 Datasheet
452Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com